| 전자부품 데이터시트 검색엔진 |
|
STM32MP157AAD1T 데이터시트(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157AAD1T 데이터시트(HTML) 77 Page - STMicroelectronics |
|
77 / 259 page ![]() DS12504 Rev 5 77/259 STM32MP157A/D Pinouts, pin description and alternate functions 121 V11 W10 AC14 Y11 PG7 I/O FT_h - TRACED5, SAI1_MCLK_A, USART6_CK, UART8_RTS/UART8_DE, QUADSPI_CLK, QUADSPI_BK2_IO3, DCMI_D13, LCD_CLK, EVENTOUT - 1E3 F15 - G12 VSS S - - - - 1F5 - - - VDDCORE S - - - - W11 T12 Y14 W13 PB6 I/O FT_fha - TIM16_CH1N, TIM4_CH1, I2C1_SCL, CEC, I2C4_SCL, USART1_TX, FDCAN2_TX, QUADSPI_BK1_NCS, DFSDM1_DATIN5, UART5_TX, DCMI_D5, EVENTOUT - U12 T11 AC13 Y12 PE8 I/O FT_h - TIM1_CH1N, DFSDM1_CKIN2, UART7_TX, QUADSPI_BK2_IO1, FMC_AD5/FMC_D5, EVENTOUT - V12 V10 Y15 W14 PE10 I/O FT_ha - TIM1_CH2N, DFSDM1_DATIN4, UART7_CTS, QUADSPI_BK2_IO3, FMC_AD7/FMC_D7, EVENTOUT - - H8 1D1 K15 VDDCORE S - - - - V13 T13 Y16 V13 PB2 I/O FT_ha - TRACED4, RTC_OUT2, SAI1_D1, DFSDM1_CKIN1, USART1_RX, I2S_CKIN, SAI1_SD_A, SPI3_MOSI/I2S3_SDO, UART4_RX, QUADSPI_CLK, EVENTOUT - - H10 - - VDDCORE S - - - - U13 U12 AA19 V14 PD13 I/O FT_fha - LPTIM1_OUT, TIM4_CH2, I2C4_SDA, I2C1_SDA, I2S3_MCK, QUADSPI_BK1_IO3, SAI2_SCK_A, FMC_A18, DSI_TE, EVENTOUT - -N7 - - VDD S - - - - - G2 AA12 G14 VSS S - - - - 1J8 V16 AB18 AA17 USB_RREF A A - - - - W12 AA15 AB13 VDD3V3_ USBHS S- - - - 1H7 - - - VDD3V3_ USB S- - - - V10 W13 AC16 AB14 USB_DP2 A FT_u - - USBH_HS_DP2, OTG_HS_DP Table 7. STM32MP157A/D pin and ball definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |