전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L552VCT6PTR 데이터시트(PDF) 97 Page - STMicroelectronics

부품명 STM32L552VCT6PTR
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCT6PTR 데이터시트(HTML) 97 Page - STMicroelectronics

Back Button STM32L552VCT6PTR Datasheet HTML 93Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 94Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 95Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 96Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 97Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 98Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 99Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 100Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 340 page
background image
15
15
21
H6
21
H6
29
M1
40
15
15
21
30
M1
41
PA5
I/O
TT
_a
-
TIM2_CH1, TIM2_ETR,
TIM8_CH1N,
SPI1_SCK,
LPTIM2_ETR,
EVENTOUT
ADC12_IN10,
DAC1_OUT2
16
16
22
G5
22
G5
30
L2
41
16
16
22
31
L2
42
PA6
I/O
FT
_a
-
TIM1_BKIN,
TIM3_CH1,
TIM8_BKIN,
SPI1_MISO,
USART3_CTS/USART
3_NSS,
LPUART1_CTS,
OCTOSPI1_IO3,
TIM16_CH1,
EVENTOUT
OPAMP2_VINP,
ADC12_IN11
-
----
--
M2
--
---
M2
-
OPAM
P2_VI
NM
ITT
-
-
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More