| 전자부품 데이터시트 검색엔진 |
|
STM32L552VCT6PTR 데이터시트(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCT6PTR 데이터시트(HTML) 98 Page - STMicroelectronics |
|
98 / 340 page ![]() 17 17 23 J7 23 J7 31 K3 42 17 17 23 32 K3 43 PA7 I/O FT _fa - TIM1_CH1N, TIM3_CH2, TIM8_CH1N, I2C3_SCL, SPI1_MOSI, OCTOSPI1_IO2, TIM17_CH1, EVENTOUT OPAMP2_VINM, ADC12_IN12 - - 24 G4 - G4 - M3 - - - 24 33 M3 44 PC4 I/O FT _a - USART3_TX, OCTOSPI1_IO7, EVENTOUT COMP1_INM, ADC12_IN13 - ---- -- J3 -- - 25 34 J3 45 PC5 I/O FT _a - SAI1_D3, USART3_RX, EVENTOUT ADC12_IN14, WKUP5, TAMP_IN4/TAMP_ OUT5, COMP1_INP 18 18 25 J6 24 J6 32 M4 43 18 18 26 35 M4 46 PB0 I/O TT _a - TIM1_CH2N, TIM3_CH3, TIM8_CH2N, SPI1_NSS, USART3_CK, OCTOSPI1_IO1, COMP1_OUT, SAI1_EXTCLK, EVENTOUT OPAMP2_VOUT, ADC12_IN15 Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |