| 전자부품 데이터시트 검색엔진 |
|
STM32WB35CCV6ATR 데이터시트(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB35CCV6ATR 데이터시트(HTML) 64 Page - STMicroelectronics |
|
64 / 193 page ![]() Pinouts and pin description STM32WB55xx STM32WB35xx 64/193 DS11929 Rev 10 - 26 H5 L5 PC5 I/O FT_la - SAI1_PDM_DI3, LCD_SEG23, CM4_EVENTOUT COMP1_INP, ADC1_IN14, WKUP5 19 27 K7 N6 PB2 I/O FT_a - RTC_OUT, LPTIM1_OUT, I2C3_SMBA, SPI1_NSS, LCD_VLCD, SAI1_EXTCLK, CM4_EVENTOUT COMP1_INP - 28 K6 L6 PB10 I/O FT_fl - TIM2_CH3, I2C3_SCL, SPI2_SCK, LPUART1_RX, TSC_SYNC, QUADSPI_CLK, LCD_SEG10, COMP1_OUT, SAI1_SCK_A, CM4_EVENTOUT - -29J6 M6 PB11 I/O FT_fl - TIM2_CH4, I2C3_SDA, LPUART1_TX, QUADSPI_BK1_NCS, LCD_SEG11, COMP2_OUT, CM4_EVENTOUT - - - - G5 VSS S - - - - - - - G9 VSS S - - - - 20 30 K5 H8 VDD S - - - - - - - N8 VSSRF S - - - - - - J4 L7 VSSRF S - - - - - - - L8 VSSRF S - - - - - - - M8 VSSRF S - - - - 21 31 K4 M9 RF1 I/O RF (5) -- 22 32 K3 M10 VSSRF S - - - - - - K2 M11 VSSRF S - - - - - - - K8 VSSRF S - - - - - - - L9 VSSRF S - - - - - - - L10 VSSRF S - - - - - - - N11 VSSRF S - - - - 23 33 J3 N12 VDDRF S - - - - - - K1 K10 VSSRF S - - - - - - - M12 VSSRF S - - - - 24 34 J2 N13 OSC_OUT O RF (6) -- Table 16. STM32WB55xx pin and ball definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |