| 전자부품 데이터시트 검색엔진 |
|
STM32WB55CCQ7ATR 데이터시트(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55CCQ7ATR 데이터시트(HTML) 70 Page - STMicroelectronics |
|
70 / 193 page ![]() Pinouts and pin description STM32WB55xx STM32WB35xx 70/193 DS11929 Rev 10 Table 17. STM32WB35xx pin and ball definitions Pin Alternate functions Additional functions Name (function after reset) 1 VBAT S - - - - 2 PC14-OSC32_IN I/O FT (1) (2) CM4_EVENTOUT OSC32_IN 3 PC15-OSC32_OUT I/O FT (1) (2) CM4_EVENTOUT OSC32_OUT 4 PH3-BOOT0 I/O FT - CM4_EVENTOUT, LSCO(3) - 5 PB8 I/O FT_f - TIM1_CH2N, SAI1_PDM_CK1, I2C1_SCL, QUADSPI_BK1_IO1, SAI1_MCLK_A, TIM16_CH1, CM4_EVENTOUT - 6 PB9 I/O FT_f - TIM1_CH3N, SAI1_PDM_DI2, I2C1_SDA, SPI2_NSS, IR_OUT, QUADSPI_BK1_IO0, SAI1_FS_A, TIM17_CH1, CM4_EVENTOUT - 7 NRST I/O RST - - - 8 VDDA S - - - - 9PA0 I/O FT_a - TIM2_CH1, COMP1_OUT, SAI1_EXTCLK, TIM2_ETR, CM4_EVENTOUT COMP1_INM, ADC1_IN5, RTC_TAMP2/WKUP1 10 PA1 I/O FT_a - TIM2_CH2, I2C1_SMBA, SPI1_SCK, CM4_EVENTOUT COMP1_INP, ADC1_IN6 11 PA2 I/O FT_a - LSCO(3), TIM2_CH3, LPUART1_TX, QUADSPI_BK1_NCS, COMP2_OUT, CM4_EVENTOUT COMP2_INM, ADC1_IN7, WKUP4 12 PA3 I/O FT_a - TIM2_CH4, SAI1_PDM_CK1, LPUART1_RX, QUADSPI_CLK, SAI1_MCLK_A, CM4_EVENTOUT COMP2_INP, ADC1_IN8 13 PA4 I/O FT_a - SPI1_NSS, SAI1_FS_B, LPTIM2_OUT, CM4_EVENTOUT COMP1_INM, COMP2_INM, ADC1_IN9 14 PA5 I/O FT_a - TIM2_CH1, TIM2_ETR, SPI1_SCK, LPTIM2_ETR, SAI1_SD_B, CM4_EVENTOUT COMP1_INM, COMP2_INM, ADC1_IN10 15 PA6 I/O FT_a - TIM1_BKIN, SPI1_MISO, LPUART1_CTS, QUADSPI_BK1_IO3, TIM16_CH1, CM4_EVENTOUT ADC1_IN11 16 PA7 I/O FT_fa - TIM1_CH1N, I2C3_SCL, SPI1_MOSI, QUADSPI_BK1_IO2, COMP2_OUT, TIM17_CH1, CM4_EVENTOUT ADC1_IN12 17 PA8 I/O FT_a - MCO, TIM1_CH1, SAI1_PDM_CK2, USART1_CK, SAI1_SCK_A, LPTIM2_OUT, CM4_EVENTOUT ADC1_IN15 |