전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32WB55CCQ7ATR 데이터시트(PDF) 75 Page - STMicroelectronics

부품명 STM32WB55CCQ7ATR
상세설명  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCQ7ATR 데이터시트(HTML) 75 Page - STMicroelectronics

Back Button STM32WB55CCQ7ATR Datasheet HTML 71Page - STMicroelectronics STM32WB55CCQ7ATR Datasheet HTML 72Page - STMicroelectronics STM32WB55CCQ7ATR Datasheet HTML 73Page - STMicroelectronics STM32WB55CCQ7ATR Datasheet HTML 74Page - STMicroelectronics STM32WB55CCQ7ATR Datasheet HTML 75Page - STMicroelectronics STM32WB55CCQ7ATR Datasheet HTML 76Page - STMicroelectronics STM32WB55CCQ7ATR Datasheet HTML 77Page - STMicroelectronics STM32WB55CCQ7ATR Datasheet HTML 78Page - STMicroelectronics STM32WB55CCQ7ATR Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 193 page
background image
C
PC0
-
LPTIM1_
IN1
--
I2C3
_SCL
--
-
LPUART1
_RX
-
-
LCD_SEG18
-
-
LPTIM2_
IN1
CM4_
EVENTOUT
PC1
-
LPTIM1_
OUT
-
SPI2_
MOSI
I2C3
_SDA
--
LPUART1
_TX
-
-
LCD_SEG19
-
-
-
CM4_
EVENTOUT
PC2
-
LPTIM1_
IN2
---
SPI2_
MISO
-
-
-
-
-
LCD_SEG20
-
-
-
CM4_
EVENTOUT
PC3
-
LPTIM1_
ETR
-
SAI1_
PDM_DI1
-
SPI2_
MOSI
-
-
-
-
-
LCD_VLCD
-
SAI1
_SD_A
LPTIM2_
ETR
CM4_
EVENTOUT
PC4
-
-
-
-
-
-
-
-
-
-
-
LCD_SEG22
-
-
-
CM4_
EVENTOUT
PC5
--
-
SAI1_
PDM_DI3
-
-
-
-
-
-
-
LCD_SEG23
-
-
-
CM4_
EVENTOUT
PC6
--
-
-
-
-
-
-
-
TSC_G4
_IO1
-
LCD_SEG24
-
-
-
CM4_
EVENTOUT
PC7
--
-
-
-
-
-
-
-
TSC_G4
_IO2
-
LCD_SEG25
-
-
-
CM4_
EVENTOUT
PC8
--
-
-
-
-
-
-
-
TSC_G4
_IO3
-
LCD_SEG26
-
-
-
CM4_
EVENTOUT
PC9
--
-
TIM1
_BKIN
--
-
-
-
TSC_G4
_IO4
USB_NOE LCD_SEG27
-
SAI1
_SCK_B
-
CM4_
EVENTOUT
PC10
TRACE
D1
--
-
-
-
-
-
-
TSC_G3
_IO2
-
LCD_COM4
LCD_SEG28
LCD_SEG40
---
CM4_
EVENTOUT
PC11
--
-
-
-
-
-
-
-
TSC_G3
_IO3
-
LCD_COM5
LCD_SEG29
LCD_SEG41
---
CM4_
EVENTOUT
PC12
TRACE
D3
--
-
-
-
LSCO
-
-
TSC_G3
_IO4
-
LCD_COM6
LCD_SEG30
LCD_SEG42
---
CM4_
EVENTOUT
PC13
-
-
-
-
-
-
-
-
-
-
-
-
---
CM4_
EVENTOUT
PC14
-
-
-
-
-
-
-
-
-
-
-
-
---
CM4_
EVENTOUT
PC15
-
-
-
-
-
-
-
-
-
-
-
-
---
CM4_
EVENTOUT
Table 18. Alternate functions (STM32WB55xx) (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
TIM1/
TIM2/
LPTIM1
TIM1/
TIM2
SPI2/
SAI1/
TIM1
I2C1/
I2C3
SPI1/
SPI2
RF
USART1
LPUART1
TSC
USB/
QUADSPI
LCD
COMP1/
COMP2/
TIM1
SAI1
TIM2/
TIM16/
TIM17/
LPTIM2
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More