전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1663 데이터시트(PDF) 3 Page - SHIKUES Electronics

부품명 KTA1663
상세설명  PNP-Silicon General use Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKTECHNOLGY [SHIKUES Electronics]
홈페이지  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

KTA1663 데이터시트(HTML) 3 Page - SHIKUES Electronics

  KTA1663 Datasheet HTML 1Page - SHIKUES Electronics KTA1663 Datasheet HTML 2Page - SHIKUES Electronics KTA1663 Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Outline dimensions
SOT-89 Dimensions
Dimensions
Symbol
SOT-89
min
type
max
A
1.4
1.6
b
0.35
0.55
b1
0.4
0.65
b2
1.6
c
0.35
0.45
D
4.4
4.6
E
2.35
2.55
e
1.5
e1
3
HE
4.15
L
2.7
LE
1.0
α
5o
Unit:mm
KTA1663
3 of 3
REV.08



Html Pages

1 2 3