전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFW814AHA 데이터시트(PDF) 6 Page - Seoul Semiconductor

부품명 SFW814AHA
상세설명  Enabling High Flux system while reduces LED count
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SFW814AHA 데이터시트(HTML) 6 Page - Seoul Semiconductor

Back Button SFW814AHA Datasheet HTML 2Page - Seoul Semiconductor SFW814AHA Datasheet HTML 3Page - Seoul Semiconductor SFW814AHA Datasheet HTML 4Page - Seoul Semiconductor SFW814AHA Datasheet HTML 5Page - Seoul Semiconductor SFW814AHA Datasheet HTML 6Page - Seoul Semiconductor SFW814AHA Datasheet HTML 7Page - Seoul Semiconductor SFW814AHA Datasheet HTML 8Page - Seoul Semiconductor SFW814AHA Datasheet HTML 9Page - Seoul Semiconductor SFW814AHA Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Rev1.0, November 28, 2019
www.seoulsemicon.com
Product Data Sheet
SFW814AHA
6
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
Characteristic Diagram
Fig 3. Forward Voltage vs. Forward Current , T
a = 25℃
Fig 4. Forward Current vs. Relative Luminous Flux, T
a = 25℃
0
150
300
450
600
750
900
0
50
100
150
200
250
T
a = 25
OC
Forward Current [mA]
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
0
200
400
600
800
1000
T
a = 25
OC
Forward Voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com