전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFW814AHA 데이터시트(PDF) 4 Page - Seoul Semiconductor

부품명 SFW814AHA
상세설명  Enabling High Flux system while reduces LED count
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SFW814AHA 데이터시트(HTML) 4 Page - Seoul Semiconductor

  SFW814AHA Datasheet HTML 1Page - Seoul Semiconductor SFW814AHA Datasheet HTML 2Page - Seoul Semiconductor SFW814AHA Datasheet HTML 3Page - Seoul Semiconductor SFW814AHA Datasheet HTML 4Page - Seoul Semiconductor SFW814AHA Datasheet HTML 5Page - Seoul Semiconductor SFW814AHA Datasheet HTML 6Page - Seoul Semiconductor SFW814AHA Datasheet HTML 7Page - Seoul Semiconductor SFW814AHA Datasheet HTML 8Page - Seoul Semiconductor SFW814AHA Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Rev1.0, November 28, 2019
www.seoulsemicon.com
Product Data Sheet
SFW814AHA
4
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
Performance Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Forward
Voltage*1
V
F
I
F =350mA
2.7
-
3.3
V
I
F =1000mA
3.2
3.45
3.7
Turn on Voltage
V
TO
I
F =1μA
2.0
-
2.7
Reverse Voltage
V
R
Not designed for reverse condition.
Luminous Flux*2
Ф
v
I
F =1000mA
250
260
340
lm
Color Temperature
CCT
I
F =1000mA
4350
4700
5050
K
CRI
-
I
F =1000mA
80
83
-
Viewing Angle
2
½
*3
X-axis
120
deg.
Y-axis
120
Thermal resistance
Rth
I
F =1000mA
10
K/W
Table 2. Electro Optical Characteristics (T
a = 25ºC)
Notes :
(1) Forward voltage measurement allowance is ±0.1V
(2)
Фv is total luminous flux output as measured with an integrating sphere.
Tolerance :
Фv ±10 %, VF ±0.1 V, Color Coordinate ±0.01, Pulse condition: t = 20ms
(3) 2
1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
Parameter
Symbol
Value
Unit
Power Dissipation
P
d
*1
3.8
W
DC Forward Current
I
F
350
mA
Peak Forward Current Pulsed
I
F pulse
*2*3
1000
mA
Operating Temperature
T
opr
-40 ~ +85
ºC
Storage Temperature
T
stg
-40 ~ +100
ºC
Junction Temperature
Tj max
135ºC / 150ºC Pulse
ºC
ESD Sensitivity (HBM)
-
2
KV
MSL Level
-
2a
-
Notes :
(1) Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product.
(2) Peak pulsed forward current applies to T
ON ≤ 300ms and 10% maximum duty cycle.
(3) Maximum drive current depends on junction temperature.
Table 1. Absolute Maximum Ratings (T
a = 25ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com