전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VG6640 데이터시트(PDF) 64 Page - STMicroelectronics

부품명 VG6640
상세설명  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 데이터시트(HTML) 64 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 60Page - STMicroelectronics VG6640 Datasheet HTML 61Page - STMicroelectronics VG6640 Datasheet HTML 62Page - STMicroelectronics VG6640 Datasheet HTML 63Page - STMicroelectronics VG6640 Datasheet HTML 64Page - STMicroelectronics VG6640 Datasheet HTML 65Page - STMicroelectronics VG6640 Datasheet HTML 66Page - STMicroelectronics VG6640 Datasheet HTML 67Page - STMicroelectronics VG6640 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 126 page
background image
Control interface
VG6640, VD6640
64/126
DocID023597 Rev 11
4.2.16
NVM buffer data registers [0x2A00 to 0x2BFF]
The contents of the NVM are buffered to the registers detailed below when the sensor boots
up.
0x24CC HI
Histo3_XSize
16UI
0x03
RW
Histogram3 X size
0x24CD LO
0x20
0x24CE HI
Histo3_YSize
16UI
0x02
RW
Histogram3 Y size
0x24CF LO
0x58
0x24D0 HI
Histo3_XOffset
16UI
0x00
RW
Histogram3 X offset
0x24D1 LO
0xFC
0x24D2 HI
Histo3_YOffset
16UI
0x00
RW
Histogram3 Y offset
0x24D3 LO
0xBE
Table 28. Statistics control registers [0x248B - 0x24D3] (continued)
Index
Byte
Register name
Data
type
Default
Type
Comment
Table 29. NVM buffer data registers [0x2A00 to 0x2BFF]
Index
Byte
Register name
Data
type
Default
Type
Comment
0x2A00 HI
nvm_buffer_data_0
32UI
0x00
RW
0x2A01
0x00
0x2A02
0x00
0x2A03 LO
0x00
0x2A04 HI
nvm_buffer_data_1
32UI
0x00
RW
0x2A05
0x00
0x2A06
0x00
0x2A07 LO
0x00
...
...
...
...
...
...
...
0x2A00
+ 4.n
HI
nvm_buffer_data_n
32UI
0x00
RW
0x2A01
+ 4.n
0x00
0x2A02
+ 4.n
0x00
0x2A03
+ 4.n
LO
0x00
...
...
...
...
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More