전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DWM3000 데이터시트(PDF) 12 Page - List of Unclassifed Manufacturers

부품명 DWM3000
상세설명  IEEE 802.15.4-z UWB Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

DWM3000 데이터시트(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button DWM3000 Datasheet HTML 8Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 9Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 10Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 11Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 12Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 13Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 14Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 15Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
DWM3000 Datasheet
© Qorvo 2020
Preliminary
Version 0.1
Page 12
SIGNAL NAME
PIN
I/O
(Default)
DESCRIPTION
EXTON
1
DO
(O-L)
External device enable. Asserted during wake up process and held
active until device enters sleep mode. Can be used to control
external DC-DC converters or other circuits that are not required
when the device is in sleep mode so as to minimize power
consumption.
GPIO8 / IRQ
22
DIO
(O-L)
Interrupt Request output from the DWM3000 to the host processor.
By default IRQ is an active-high output but may be configured to be
active low if required. For correct operation in SLEEP and
DEEPSLEEP modes it should be configured for active high
operation. This pin will float in SLEEP and DEEPSLEEP states and
may cause spurious interrupts unless pulled low externally (100 kΩ
recommended).
When the IRQ functionality is not being used the pin may be
reconfigured as a general purpose I/O line, GPIO8.
GPIO7 / SYNC
4
DIO
(I)
Defaults to operate as a SYNC input. This pin may be reconfigured
as a general purpose I/O pin under software control.
GPIO6 /
EXTRXE /
SPIPHA
9
DIO
(I)
General purpose I/O pin.
On power-up it acts as the SPIPHA (SPI phase selection) pin for
configuring the SPI mode of operation.
After power-up, the pin will default to a General Purpose I/O pin.
On engineering samples GPIO6 is on pin 10.
GPIO5 /
EXTTXE /
SPIPOL
10
DIO
(I)
General purpose I/O pin.
On power-up it acts as the SPIPOL (SPI polarity selection) pin for
configuring the SPI operation mode.
After power-up, the pin will default to a General Purpose I/O pin.
On engineering samples GPIO5 is on pin 9.
GPIO4
11
DIO
(I)
General purpose I/O pin.
GPIO3 / TXLED
12
DIO
(I)
General purpose I/O pin.
It may be configured for use as a TXLED driving pin that can be
used to light a LED following a transmission.
GPIO2 /
RXLED
13
DIO
(I)
General purpose I/O pin.
It may be configured for use as a RXLED driving pin that can be
used to light a LED during receive mode.
GPIO1 /
SFDLED
14
DIO
(I)
General purpose I/O pin.
It may be configured for use as a SFDLED driving pin that can be
used to light a LED when SFD (Start Frame Delimiter) is found by
the receiver.
GPIO0 /
RXOKLED
15
DIO
(I)
General purpose I/O pin.
It may be configured for use as a RXOKLED driving pin that can be
used to light a LED on reception of a good frame.
RSTn
3
DIO
(O-H)
Reset pin. Active Low Output.
May be pulled low by external open drain driver to reset the
DW3000.
Power Supplies
VDD1
5
P
External supply for the Always-On (AON) portion of the chip.
VDD3V3
6,7
P
3 V supply pins.
Ground
GND
8,16,
21,23,24
G
Common ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com