전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DWM3000 데이터시트(PDF) 14 Page - List of Unclassifed Manufacturers

부품명 DWM3000
상세설명  IEEE 802.15.4-z UWB Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

DWM3000 데이터시트(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button DWM3000 Datasheet HTML 10Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 11Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 12Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 13Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 14Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 15Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 16Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 17Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
DWM3000 Datasheet
© Qorvo 2020
Preliminary
Version 0.1
Page 14
4 ELECTRICAL SPECIFICATIONS
4.1 Nominal Operating Conditions
Table 4: DWM3000 Operating Conditions
Parameter
Min.
Typ.
Max.
Units
Condition/Note
Operating temperature
-40
+85
˚C
Supply voltage VDD1
1.62
3.6
Supply voltage VDD3V3
2.5
3.6
V
Normal operation
Voltage on GPIO0..7, WAKEUP, RSTn,
SPICSn, SPIMOSI, SPICLK
3.6
V
Note that 3.6 V is the max
voltage that may be applied to
these pins
Note: Unit operation is guaranteed by design when operating within these ranges
4.2 DC Characteristics
Tamb = 25 ˚C, all supplies centred on typical values
Table 5: DWM3000 DC Characteristics
Parameter
Min.
Typ.
Max.
Units
Condition/Note
Supply current DEEP SLEEP mode
TBD
nA
Total current drawn from all
supplies.
Supply current SLEEP mode
TBD
nA
Supply current IDLE mode
TBD
mA
Supply current INIT mode
TBD
mA
TX: 3.3 V supplies
(VDD1, VDD3V3)
TBD
mA
Channel 5
RX: 3.3 V supplies
(VDD1, VDD3V3)
TBD
mA
Channel 5
Digital input voltage high
0.7*VDD1
V
Digital input voltage low
0.3*VDD1
V
Digital output voltage high
0.7*VDD1
V
Assumes 500 Ω load
Digital output voltage low
0.3*VDD1
V
Assumes 500 Ω load
Digital Output Drive Current
GPIOx, IRQ
SPIMISO
EXTON
TBD
mA
4.3 Receiver AC Characteristics
Tamb = 25 ˚C, all supplies centred on nominal values
Table 6: DWM3000 Receiver AC Characteristics
Parameter
Min.
Typ.
Max.
Units
Condition/Note
Centre Frequency CH5
6489.6
MHz
Centre Frequency CH9
7987.2
Channel bandwidth
500
Channel 5 and 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com