전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM1061 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STM1061
상세설명  Low Power Voltage Detector
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1061 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STM1061 Datasheet HTML 4Page - STMicroelectronics STM1061 Datasheet HTML 5Page - STMicroelectronics STM1061 Datasheet HTML 6Page - STMicroelectronics STM1061 Datasheet HTML 7Page - STMicroelectronics STM1061 Datasheet HTML 8Page - STMicroelectronics STM1061 Datasheet HTML 9Page - STMicroelectronics STM1061 Datasheet HTML 10Page - STMicroelectronics STM1061 Datasheet HTML 11Page - STMicroelectronics STM1061 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
STM1061
8/21
Figure 9. Output Detect Delay Time vs. Ambient Temperature
Figure 10. Output Release Delay Time vs. Ambient Temperature
Ambient Temperature: TA (°C)
AI11121b
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
–40
–20
0
20
40
60
80
VTH– = 3.4V
VTH– = 1.6V
Ambient Temperature: TA (°C)
AI11122b
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
45.00
50.00
–40
–20
0
20
40
60
80
VTH+ = 1.68V
VTH+ = 3.57V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com