| 전자부품 데이터시트 검색엔진 |
|
ADA4355ABCZ 데이터시트(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4355ABCZ 데이터시트(HTML) 10 Page - Analog Devices |
|
10 / 45 page ![]() ADA4355 Data Sheet Rev. A | Page 10 of 45 D0AN D0AP D1AN D1AP FCON BYTEWISE MODE FCOP D0AN D0AP D1AN D1AP FCON DCON DCOP DCOP CLKP INPUT CLKN DCON FCOP BITWISE MODE SDR DDR MSB N – 17 D12 N – 17 D11 N – 17 D10 N – 17 D09 N – 17 D08 N – 17 D07 N – 17 D06 N – 17 MSB N – 16 D12 N – 16 D11 N – 16 D10 N – 16 D09 N – 16 D08 N – 16 D07 N – 16 D06 N – 16 D05 N – 17 D04 N – 17 D03 N – 17 D02 N – 17 D01 N – 17 LSB N – 17 0 N – 17 0 N – 17 D05 N – 16 D04 N – 16 D03 N – 16 D02 N – 16 D01 N – 16 LSB N – 16 0 N – 16 0 N – 16 MSB N – 17 D11 N – 17 D09 N – 17 D07 N – 17 D05 N – 17 D03 N – 17 D01 N – 17 0 N – 17 MSB N – 16 D11 N – 16 D09 N – 16 D07 N – 16 D05 N – 16 D03 N – 16 D01 N – 16 0 N – 16 D12 N – 17 D10 N – 17 D08 N – 17 D06 N – 17 D04 N – 17 D02 N – 17 LSB N – 17 0 N – 17 D12 N – 16 D10 N – 16 D08 N – 16 D06 N – 16 D04 N – 16 D02 N – 16 LSB N – 16 0 N – 16 tA tDATA tLD tEH tFCO tFRAME tPD tCPD tEL N – 1 N N + 1 Figure 8. 16-Bit DDR/SDR, Two-Lane, 2× Frame Mode |