전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPPC241501F/C 데이터시트(PDF) 18 Page - Carlo Gavazzi Holding AG

부품명 SPPC241501F/C
상세설명  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
홈페이지  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC241501F/C 데이터시트(HTML) 18 Page - Carlo Gavazzi Holding AG

Back Button SPPC241501F/C Datasheet HTML 14Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 15Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 16Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 17Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 18Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 19Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 20Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 21Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 22Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
18
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
1
N
VADJ
L
2
3
4
5
6
7
+V
-V
+
Terminal
Designation
Description
1
L
Input terminals (phase conductor, no polarity with DC input)
2
N
Input terminals (neutral conductor, no polarity with DC input)
3
Ground
Ground this terminal to minimize high frequency emissions
4, 5
V-
Negative output terminal
6, 7
V+
Positive output terminal
Vout ADJ
Potentiometer for output voltage adjustment
DC Status
LED indication of power supply output status
SPPC 150W 1FC
1
+V
-V
N
L
2
3
4
5
6
7
8
9
Terminal
Designation
Description
1, 2, 3
V+
Positive output terminal
4, 5, 6
V-
Negative output terminal
7
Ground
Ground this terminal to minimize high frequency emissions
8
L
Input terminals (phase conductor, no polarity with DC input)
9
N
Input terminals (neutral conductor, no polarity with DC input)
SPPC 200W / 240W / 320W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com