전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPPC241501F/C 데이터시트(PDF) 26 Page - Carlo Gavazzi Holding AG

부품명 SPPC241501F/C
상세설명  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
홈페이지  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC241501F/C 데이터시트(HTML) 26 Page - Carlo Gavazzi Holding AG

Back Button SPPC241501F/C Datasheet HTML 22Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 23Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 24Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 25Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 26Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 27Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 28Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 29Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 30Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
26
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
Current derating
Performance
SPPC 25W / 35W / 50W / 75W / 150W 1F / 600W / 800W
Ambient temperature (°C)
0
10
20
30
40
50
60
70
20
-25
40
60
80
100
SPPC121501FC
SPPC241501FC
Ambient Temperature (°C)
2.5
-20 -10
0 10 20 30 40 50 60 70 80
Ambient Temperature (°C)
15
12.5
10
7.5
0
5
-20 -10
0
10
20
30
50
40
60 70
0
2
4
6
SPPC 150W 1FC
Ambient temperature (°C)
0
10
20
30
40
50
60
70
20
-25
40
60
80
100
SPPC 200W / 240W / 480W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com