전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM24C256 데이터시트(PDF) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

부품명 HM24C256
상세설명  Low-voltage Operation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
홈페이지  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM24C256 데이터시트(HTML) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM24C256 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C256 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C256 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C256 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C256 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C256 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C256 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C256 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C256 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Shenzhen H&M Semiconductor Co.Ltd
10
http://www.hmsemi.com
█ Pin Capacitance
Applicable over recommended operating range from TA = 25 C, f = 1.0 MHz, VCC
=
█ AC Electrical Characteristics
Applicable over recommended operating range from TA = –40 C to +85 C, VCC
+1.7V to +5.5V, CL = 1 TTL Gate and 100 pF (unless otherwise noted)
Parameter
Symbol
1.7, 2.7, 5.0-volt
Units
Min.
Typ.
Max.
Clock Frequency, SCL
fSCL
-
-
400
kHz
Clock Pulse Width Low
tLOW
1.2
-
-
µs
Clock Pulse Width High
tHIGH
0.6
-
-
µs
Noise Suppression Time
tI
-
-
50
ns
Clock Low to Data Out Valid
tAA
0.1
-
0.9
µs
Time the bus must be free
before a new transmission can
start
tBUF
1.2
-
-
µs
Start Hold Time
tHD.STA
0.6
-
-
µs
Start Setup Time
tSU.STA
0.6
-
-
µs
Data In Hold Time
tHD.DAT
0
-
-
µs
Data In Setup Time
tSU.DAT
100
-
-
ns
Inputs Rise Time
tR
-
-
0.3
µs
Inputs Fall Time
tF
-
-
300
ns
Parameter
Symbol
Min.
Typ.
Max.
Unit Condition
Input/Output Capacitance (SDA)
CI/O
-
-
8
pF
VI/O = 0V
Input Capacitance (A0, A1, A2, SCL)
CIN
-
-
6
pF
VIN = 0V
Input Leakage Current
I
LI
-
0.10
3.0
µA
V
IN = VCC or VSS
Output Leakage Current
I
LO
-
0.05
3.0
µA
V
OUT = VCC or VSS
Input Low Level
V
IL
–0.6
--
VCCx0.3
V
Input High Level
V
IH
VCCx0.7
-
VCC+0.5
V
Output Low Level VCC =5.0V
VOL3
-
-
0.4
V
IOL = 3.0 mA
Output Low Level VCC =3.0V
V
OL2
-
-
0.4
V
I
OL = 2.1 mA
Output Low Level VCC =1.8V
V
OL1
-
-
0.2
V
I
OL = 0.15 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com