| 전자부품 데이터시트 검색엔진 |
|
HM24C512 데이터시트(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd |
|
|
|||||||||||||||||||||||||||||
HM24C512 데이터시트(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd |
|
5 / 15 page ![]() Shenzhen H&M Semiconductor Co.Ltd 5 http://www.hmsemi.com Figure 2. Start and Stop Definition Figure 3. Output Acknowledge 3. Device Addressing The 128K/256K/512K EEPROM devices all require an 8-bit device address word following a start condition to enable the chip for a read or write operation (see to Figure 4 on page 5). The device address word consists of a mandatory “1”, “0” sequence for the first four most significant bits as shown. This is common to all the Serial EEPROM devices. The 128K/256K /512K uses the three device address bits A2, A1, A0 to allow as many as eight devices on the same bus. These bits must compare to their corresponding |