전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM24C512 데이터시트(PDF) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

부품명 HM24C512
상세설명  Low-voltage Operation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
홈페이지  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM24C512 데이터시트(HTML) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM24C512 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C512 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C512 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C512 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C512 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C512 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C512 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C512 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C512 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Shenzhen H&M Semiconductor Co.Ltd
9
http://www.hmsemi.com
Electrical Characteristics
Absolute Maximum Stress Ratings
DC Supply Voltage . . . -0.3V to +6.5V
Input / Output Voltage. .. GND-0.3V to VCC+0.3V
Operating Ambient Temperature . . .-40°C to +85°C
Storage Temperature . . . . . . . . . -55°C to +125°C
*Comments
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to this
device. These are stress ratings only. Functional operation of this device at these or any other conditions
above those indicated in the operational sections of this specification is not implied or intended
Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
DC Electrical Characteristics
Applicable over recommended operating range from: TA = –40 C to +85 C, VCC
=
Parameter
Symbol
Min.
Typ
.
Max.
Unit Condition
Supply Voltage
V
CC1
1.7
-
5.5
V
Supply Voltage
V
CC2
2.5
-
5.5
V
Supply Voltage
V
CC3
2.7
-
5.5
V
Supply Voltage
V
CC4
4.5
-
5.5
V
Supply Current VCC = 5.0V
I
CC1
-
0.4
1.0
mA
READ at 400 kHz
Supply Current VCC = 5.0V
I
CC2
-
2.0
3.0
mA
WRITE at 400 kHz
Standby Current VCC = 1.8V
I
SB1
-
0.6
1.0
µA
V
IN = VCC or VSS
Standby Current VCC = 2.5V
I
SB2
-
1.0
2.0
µA
V
IN = VCC or VSS
Standby Current VCC = 2.7V
I
SB3
-
1.0
2.0
µA
V
IN = VCC or VSS
Standby Current VCC = 5.0V
I
SB4
-
1.0
5.0
µA
V
IN = VCC or VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com