| 전자부품 데이터시트 검색엔진 |
|
UPD301B 데이터시트(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UPD301B 데이터시트(HTML) 29 Page - Microchip Technology |
|
29 / 45 page ![]() 2020 Microchip Technology Inc. DS00003412A-page 29 UPD301B/C The following USB PD Data messages are supported: • Source_Capabilities (Source Role only) • Request • BIST • Sink_Capabilities (Sink Role only) The following USB PD Extended messages are supported: • Firmware_Update_Request • Firmware_Update_Response The following USB PD Control messages can also be supported UPD301B/C. Check the release notes of the latest PSF release for the most up-to-date list of supported messages. Support to specific messages may also be added by mod- ification of the PDF source code. • GotoMin • DR_Swap • PR_Swap • Get_Source_Cap_Extended • Get_Status • FR_Swap • Get_PPS_Status • Get_Country_Codes The following USB PD Data messages are not supported: • Battery_Status • Alert • Get_Country_Info • Vendor_Defined The following USB PD Extended messages are not supported: • Source_Capabilities_Extended • Status • Get_Battery_Cap • Get_Battery_Status • Battery_Capabilities • Manufacturer_Info • Security_Request • Security_Response • PPS_Status • Country_Info • Country_Codes 4.6.2 SOURCE POWER DELIVERY OBJECTS (PDOS) The PDOs defined in the USB PD Specification Section 10.2.2 are configurable within the PSF configuration. These are the PDOs returned in the PD Source_Capabilities message and correspond to the capabilities of the Source power sup- ply. Augmented PDOs (APDOs) are also supported for enabling Programmable Power Supply (PPS) operation. 4.6.3 SINK POWER DELIVERY OBJECTS (PDOS) The PDOs defined in the USB PD Specification Section 10.2.2 are configurable within the PSF configuration. These are the PDOs returned in the PD Sink_Capabilities message and correspond to the requirements of the Sink with respect to Source capabilities. Note that the PDOs defined in the USB Power Delivery Specification Section 10.2.2 are defined for Sources, but correspond to the Source PDOs the Sink is able to operate with. |