전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTM4651 데이터시트(PDF) 5 Page - Analog Devices

부품명 LTM4651
상세설명  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

LTM4651 데이터시트(HTML) 5 Page - Analog Devices

  LTM4651 Datasheet HTML 1Page - Analog Devices LTM4651 Datasheet HTML 2Page - Analog Devices LTM4651 Datasheet HTML 3Page - Analog Devices LTM4651 Datasheet HTML 4Page - Analog Devices LTM4651 Datasheet HTML 5Page - Analog Devices LTM4651 Datasheet HTML 6Page - Analog Devices LTM4651 Datasheet HTML 7Page - Analog Devices LTM4651 Datasheet HTML 8Page - Analog Devices LTM4651 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
LTM4655
5
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 5). TA = 25°C, Test Circuit 1 (positive-VOUTn+,
noninverting step-down configuration with VOUTn= GND), VINn = SVINn = 36V, EXTVCCn = 24V, RUNn = 3.3V, RISETn = 480k, RfSETn+ =
57.6kΩ, fSWn = 1.5MHz (CLKINn driven with 1.5MHz clock signal) and voltages referred to GND unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSn
VOUTn+ Ripple Frequency
RfSETn = 57.6k, CLKINn Open Circuit
l
1.7
1.95
2.2
MHz
∆VOUTn(START)+
Turn-On Overshoot
8
mV
tSTARTn
Turn-On Start-Up Time
Delay Measured from VINn Toggling from 0V
to 36V to PGOOD
n Exceeding 3V; PGOODn.
Having a 100kΩ Pull-Up to 3.3V with Respect
to GND, VPGFB
n Resistor Divider Network as
Shown in Test Circuit 1, RISETna = 480kΩ and
ISET
na Electrically Connected to ISETnb and
CLKIN Driven with 1.5MHz Clock
l
4
9
ms
∆VOUTn(LS)+
Peak Output Voltage Deviation for
Dynamic Load Step
IOUTn+: 0A to 2A and 2A to 0A Load Steps in
1μs, COUTHn = 47µF × 2
400
mV
tSETTLEn
Settling Time for Dynamic Load Step
IOUTn+: 0A to 2A and 2A to 0A Load Steps in
1μs, COUTHn = 47µF × 2
50
µs
IOUTn(OCL)+
IOUTn+ Output Current Limit
5.5
A
Control Section
IISETna
Reference Current of ISET
na Pin
VISETna = 0.5V, 3.1V ≤ VINn ≤ 13.2V
VISETna = 24V, 29V ≤ VINn ≤ 40V
l
l
49.3
49
50
50
50.7
51
µA
µA
IVOSNSn+
VOSNSn+ Leakage Current
VVOSNSn+ = 28V
290
μA
tONn(MIN)
Minimum On-Time
(Note 4)
60
ns
VRUNn
RUN
n Turn-On/-Off Thresholds
RUN
n Input Turn-On Threshold, RUNn Rising
RUN
n Hysteresis
l
1.08
1.2
130
1.32
V
mV
IRUNn
RUN
n Leakage Current
RUN
n = 3.3V
l
0.1
50
nA
Oscillator and Phase-Locked Loop (PLL)
fOSCn
Oscillator Frequency Accuracy
VINn = 12V, ISETna = 5V, and:
fSETn Open-Circuit
RfSETn = 57.6kΩ (See fSN Specification)
l
360
400
1.95
440
kHz
MHz
fSYNCn
PLL Synchronization Capture Range
VINn = 12V, ISETna = 5V, CLKINn Driven with
a GND Referred Clock Toggling from 0.4V to
1.2V and Having a Clock Duty Cycle:
From 10% to 90%; fSETn Open Circuit
From 40% to 60%; RfSETn = 57.6kΩ
250
1.3
550
3
kHz
MHz
VCLKINn
CLKIN
n Input Threshold
VCLKINn Rising
VCLKINn Falling
1.2
0.4
V
V
ICLKINn
CLKIN
n Input Current
VCLKINn = 5V
VCLKINn = 0V
–20
230
–5
500
μA
μA
Power Good Feedback Input and Power Good Output
OVPGDFBn
Output Overvoltage PG00D
n Upper
Threshold
PGDFB
n Rising
l
620
645
675
mV
UVPGDFBn
Output Undervoltage PGOOD
n Lower
Threshold
PGDFB
n Falling
l
525
555
580
mV
∆VPGDFBn
PGOOD
n Hysteresis
PGDFB
n Returning
8
mV
RPGDFBn
Resistor Between PGDFB1
n and SVOUTn–
4.94
4.99
5.04
RPGOODn
PGOOD
n Pull-Down Resistance
VPGOODn = 0.1V, VPGDFBn < UVPGDFBn or
VPGDFBn > OVPGDFBn
700
1500
Ω
IPGOODn(LEAK)
PGOOD
n Leakage Current
VPGOODn = 3.3V, UVPGDFBn < VPGDFBn <
OVPGDFBn
0.1
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com