전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VT8601 데이터시트(PDF) 88 Page - List of Unclassifed Manufacturers

부품명 VT8601
상세설명  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 데이터시트(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 84Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 85Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 86Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 87Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 88Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 89Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 90Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 91Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-82
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
SR9F – VBI Control .........................................................RW
7
VBI Interrupt Status............................................RO
6
Reserved
........................................ always reads 0
5
VBI Bit-8
4
VBI IV Bit-8
3
VBI Interrupt
0
Disable ...................................................default
1Enable
2VBI Enable
0
Disable ...................................................default
1Enable
1-0
VBI Data Format in Frame Buffer
00 Every field data overwrite ......................default
01 Data in even/odd format
10 Every two field data write contiguous
11 -reserved-
SRA3-A0 - VBI Frame Buffer Address ...........................RW
31-20 VBI Row Byte Offset
19-0 VBI Start Address
SRA7-A4 – VBI Capture Start.........................................RW
31-27 Reserved
........................................ always reads 0
26-16 VBI Vertical Start
15-11 Reserved
........................................ always reads 0
10-0 VBI Horizontal Start
SRAB-A8 – VBI Capture End..........................................RW
31-27 Reserved
........................................ always reads 0
26-16 VBI Vertical End
15-11 Reserved
........................................ always reads 0
10-0 VBI Horizontal End
SRAD-AC – VBI Vertical Interrupt Position................. RW
15
Reserved
........................................ always reads 0
14-12 Dithering Mode
000 Bypass dithering .................................... default
001 -reserved-
010 24 bpp dither to 16 bpp
011 24 bpp chop to 16 bpp
100 24 bpp dither to 15 bpp
101 24 bpp chop to 15 bpp
110 24 bpp dither to RGB8
111 24 bpp chop to RGB8
11
Capture CSC
0
Disable................................................... default
1Enable
10-0 VINST[10-0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More