| 전자부품 데이터시트 검색엔진 |
|
STM32WLE4JCU6TR 데이터시트(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE4JCU6TR 데이터시트(HTML) 51 Page - STMicroelectronics |
|
51 / 145 page ![]() DS13105 Rev 8 51/145 STM32WLE5/E4xx Pinouts, pin description and alternate functions 60 Notes Unless otherwise specified by a note, all I/Os are set as analog inputs during and after reset. Pin functions Alternate functions Functions selected through GPIOx_AFR registers Additional functions Functions directly selected/enabled through peripheral registers Table 18. Legend/abbreviations used in the pinout table (continued) Name Abbreviation Definition Table 19. STM32WLE5/E4xx pin definition Pin number Pin name (function after reset) Alternate functions Additional functions - E10 - VSS S - - - - 1D11 C1 PB3 I/O FT_a - JTDO/TRACESWO, TIM2_CH2, SPI1_SCK, RF_IRQ0, USART1_RTS, DEBUG_RF_DTB1, CM4_EVENTOUT COMP1_INM, COMP2_INM, ADC_IN2, TAMP_IN3/WKUP3 2D9 C2 PB4 I/O FT_fa - NJTRST, I2C3_SDA, SPI1_MISO, USART1_CTS, DEBUG_RF_LDORDY, TIM17_BKIN, CM4_EVENTOUT COMP1_INP, COMP2_INP, ADC_IN3 3- D2 PB5 I/O FT_a - LPTIM1_IN1, I2C1_SMBA, SPI1_MOSI, RF_IRQ1, USART1_CK, COMP2_OUT, TIM16_BKIN, CM4_EVENTOUT - - F7 E3 VSS S - - - - - F11 E2 VDD S - - - - 4 - E1 PB6 I/O FT_f - LPTIM1_ETR, I2C1_SCL, USART1_TX, TIM16_CH1N, CM4_EVENTOUT - 5- C3 PB7 I/O FT_f - LPTIM1_IN2, TIM1_BKIN, I2C1_SDA, USART1_RX, TIM17_CH1N, CM4_EVENTOUT - 6- D3 PB8 I/O FT_f - TIM1_CH2N, I2C1_SCL, RF_IRQ2, TIM16_CH1, CM4_EVENTOUT - |