| 전자부품 데이터시트 검색엔진 |
|
STM32WLE4JCU6TR 데이터시트(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE4JCU6TR 데이터시트(HTML) 54 Page - STMicroelectronics |
|
54 / 145 page ![]() Pinouts, pin description and alternate functions STM32WLE5/E4xx 54/145 DS13105 Rev 8 - K7 - VSS S - - - - - J6 H6 VSSRF S - - - - - H5 G6 VSSRF S - - - - 20 L6 J6 RFI_P I RF - - - 21 K5 H7 RFI_N I RF - - - - G4 G7 VSSRF S - - - - - J4 - VSSRF S - - - - 22 L4 J8 RFO_LP O RF - - - - - G8 VSSRF S - - - - 23 K3 J9 RFO_HP O RF - - - - H3 - VSSRF S - - - - 24 L2 H9 VR_PA S - - - - 25 H1 H8 VDDPA S - - - - - K1 - VSSRF S - - - - 26 G2 G9 OSC_IN I RF - - - 27 F1 F8 OSC_OUT O RF - - - - F3 - VSSRF S - - - - 28 E2 E8 VDDRF S - - - - 29 D1 F7 VDDRF1V55 S - - - - - F5 D9 VSS S - - - - - - E9 VDD S - - - - 30 B1 F6 PB0-VDD_TCXO I/O TT - COMP1_OUT, CM4_EVENTOUT - - - E7 PB1 I/O FT_a - LPUART1_RTS_DE, LPTIM2_IN1, CM4_EVENTOUT COMP2_INP, ADC_IN5 31 - D8 PB2 I/O FT_a - LPTIM1_OUT, I2C3_SMBA, SPI1_NSS, DEBUG_RF_SMPSRDY, CM4_EVENTOUT COMP1_INP, COMP2_INM, ADC_IN4 32 - E6 PB12 I/O FT - TIM1_BKIN, I2C3_SMBA, SPI2_NSS/I2S2_WS, LPUART1_RTS, CM4_EVENTOUT - Table 19. STM32WLE5/E4xx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |