| 전자부품 데이터시트 검색엔진 |
|
EM78P152S 데이터시트(PDF) 51 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM78P152S 데이터시트(HTML) 51 Page - List of Unclassifed Manufacturers |
|
51 / 52 page ![]() EM78P152/3S 8-Bit Microcontroller with OTP ROM Typical ICC3 and ICC4 vs. Temperature 0.5 1 1.5 2 2.5 3 3.5 4 0 10 2030 4050 6070 Temperature (°C) Typ ICC4 Typ ICC3 Figure C-16 Typical operating current (ICC3 and ICC4) vs. Temperature Maximum ICC3 and ICC4 vs. Temperature 1 1.5 2 2.5 3 3.5 4 0 10 20304050 6070 Temperature (°C) Max ICC4 Max ICC3 Figure C-17 Maximum Operating Current (ICC3 and ICC4) vs. Temperature The following two conditions exist with the Standby Current ISB1 and ISB2: ISB1: VDD=5V, WDT disable ISB2: VDD=5V, WDT enable Product Specification (V1.8) 09.08.2009 • 47 (This specification is subject to change without further notice) |