전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NAND01GR3B2AN6 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 NAND01GR3B2AN6
상세설명  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01GR3B2AN6 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button NAND01GR3B2AN6 Datasheet HTML 7Page - STMicroelectronics NAND01GR3B2AN6 Datasheet HTML 8Page - STMicroelectronics NAND01GR3B2AN6 Datasheet HTML 9Page - STMicroelectronics NAND01GR3B2AN6 Datasheet HTML 10Page - STMicroelectronics NAND01GR3B2AN6 Datasheet HTML 11Page - STMicroelectronics NAND01GR3B2AN6 Datasheet HTML 12Page - STMicroelectronics NAND01GR3B2AN6 Datasheet HTML 13Page - STMicroelectronics NAND01GR3B2AN6 Datasheet HTML 14Page - STMicroelectronics NAND01GR3B2AN6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
NAND01G-B, NAND02G-B
Summary description
11/64
Table 3.
Signal Names
I/O8-15
Data Input/Outputs for x16 devices
I/O0-7
Data Input/Outputs, Address Inputs, or Command Inputs for x8 and
x16 devices
AL
Address Latch Enable
CL
Command Latch Enable
E
Chip Enable
R
Read Enable
RB
Ready/Busy (open-drain output)
W
Write Enable
WP
Write Protect
PRL
Power-Up Read Enable, Lock/Unlock Enable
VDD
Supply Voltage
VSS
Ground
NC
Not Connected Internally
DU
Do Not Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64