전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NAND01GR3B2AN6 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 NAND01GR3B2AN6
상세설명  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01GR3B2AN6 데이터시트(HTML) 2 Page - STMicroelectronics

  NAND01GR3B2AN6 Datasheet HTML 1Page - STMicroelectronics NAND01GR3B2AN6 Datasheet HTML 2Page - STMicroelectronics NAND01GR3B2AN6 Datasheet HTML 3Page - STMicroelectronics NAND01GR3B2AN6 Datasheet HTML 4Page - STMicroelectronics NAND01GR3B2AN6 Datasheet HTML 5Page - STMicroelectronics NAND01GR3B2AN6 Datasheet HTML 6Page - STMicroelectronics NAND01GR3B2AN6 Datasheet HTML 7Page - STMicroelectronics NAND01GR3B2AN6 Datasheet HTML 8Page - STMicroelectronics NAND01GR3B2AN6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
NAND01G-B, NAND02G-B
2/64
Table 1.
Product List(1)
1.
x16 organization only available for MCP Products.
Reference
Part Number
NAND01G-B
NAND01GR3B
NAND01GW3B
NAND01GR4B
NAND01GW4B
NAND02G-B
NAND02GR3B
NAND02GW3B
NAND02GR4B
NAND02GW4B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64