전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP3564 데이터시트(PDF) 62 Page - Microchip Technology

부품명 MCP3564
상세설명  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 데이터시트(HTML) 62 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 58Page - Microchip Technology MCP3564 Datasheet HTML 59Page - Microchip Technology MCP3564 Datasheet HTML 60Page - Microchip Technology MCP3564 Datasheet HTML 61Page - Microchip Technology MCP3564 Datasheet HTML 62Page - Microchip Technology MCP3564 Datasheet HTML 63Page - Microchip Technology MCP3564 Datasheet HTML 64Page - Microchip Technology MCP3564 Datasheet HTML 65Page - Microchip Technology MCP3564 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 108 page
background image
MCP3561/2/4
DS20006181C-page 62
 2019-2021 Microchip Technology Inc.
These three Interrupt Status bits are independent of the
two other interrupt mechanisms (IRQ pin and IRQ
register) and are cleared each time the STATUS byte is
fully clocked. This enables the polling on the STATUS
byte as a possible interrupt management solution with-
out requiring to connect the IRQ pin in the system. All
Status bit values are latched together just after the
device address has been correctly recognized by the
chip. Any interrupt happening after the two first Status
bits have been clocked out will appear in the STATUS
byte of the subsequent communication sequence.
Figure 6-2
represents
the
beginning
of
each
communication with both COMMAND and STATUS
bytes depicted. After the STATUS byte is propagated,
the SDO pin will be placed in high-impedance for Fast
commands or Write commands and will transfer data
bytes for Read commands as long as the CS pin stays
logic low.
FIGURE 6-2:
SPI Communication Start (COMMAND on SDI and STATUS on SDO) when the
Device Address Matches/Does Not Match CMD[7:6].
Don’t Care
SCK
SDI
SDO
CS
High-Z
Device Latches SDI on Rising Edge
SPI Mode 0,0
SPI Mode 1,1
0
Device
Address
Register
Address
Command
Type
Device
Address ACK
Interrupts
Status
High-Z
0
Device Address
Matches CMD[7:6]
High-Z
SDO
Device Address
does not Match
CMD[7:6]
Device Latches SDO on Falling Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com