전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP3564 데이터시트(PDF) 81 Page - Microchip Technology

부품명 MCP3564
상세설명  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 데이터시트(HTML) 81 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 77Page - Microchip Technology MCP3564 Datasheet HTML 78Page - Microchip Technology MCP3564 Datasheet HTML 79Page - Microchip Technology MCP3564 Datasheet HTML 80Page - Microchip Technology MCP3564 Datasheet HTML 81Page - Microchip Technology MCP3564 Datasheet HTML 82Page - Microchip Technology MCP3564 Datasheet HTML 83Page - Microchip Technology MCP3564 Datasheet HTML 84Page - Microchip Technology MCP3564 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 81
MCP3561/2/4
8.0
INTERNAL REGISTERS
The MCP3561/2/4 devices have a total of 16 internal
registers made of volatile memory. Table 8-1 includes a
summary of the registers. These registers are
sequentially accessible.
TABLE 8-1:
INTERNAL REGISTERS SUMMARY
Address Register Name
No. of
Bits
R/W
Description
0x0
ADCDATA
4/24/32
R
Latest A/D conversion data output value (24 or 32 bits depending on
DATA_FORMAT[1:0]) or modulator output stream (4-bit wide) in MDAT
Output mode
0x1
CONFIG0
8
R/W ADC Operating mode, Master Clock mode and Input Bias Current
Source mode
0x2
CONFIG1
8
R/W Prescale and OSR settings
0x3
CONFIG2
8
R/W ADC boost and gain settings, auto-zeroing settings for analog
multiplexer, voltage reference and ADC
0x4
CONFIG3
8
R/W Conversion mode, data and CRC format settings; enable for CRC on
communications, enable for digital offset and gain error calibrations
0x5
IRQ
8
R/W IRQ Status bits and IRQ mode settings; enable for Fast commands and
for conversion start pulse
0x6
MUX
8
R/W Analog multiplexer input selection (MUX mode only)
0x7
SCAN
24
R/W SCAN mode settings
0x8
TIMER
24
R/W Delay value for TIMER between scan cycles
0x9
OFFSETCAL
24
R/W ADC digital offset calibration value
0xA
GAINCAL
24
R/W ADC digital gain calibration value
0xB
RESERVED
24
R/W
0xC
RESERVED
8
R/W
0xD
LOCK
8
R/W Password value for SPI Write mode locking
0xE
RESERVED
16
R/W
0xF
CRCCFG
16
R
CRC checksum for device configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com