| 전자부품 데이터시트 검색엔진 |
|
MCP3464 데이터시트(PDF) 81 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3464 데이터시트(HTML) 81 Page - Microchip Technology |
|
81 / 108 page ![]() 2019-2021 Microchip Technology Inc. DS20006180D-page 81 MCP3461/2/4 8.0 INTERNAL REGISTERS The device has a total of 16 internal registers, which are made of volatile memory. Table 8-1 shows the summary of the registers. These registers are accessible sequentially. TABLE 8-1: INTERNAL REGISTERS SUMMARY Address Register Name No. of Bits R/W Description 0x0 ADCDATA 4/16/32 R Latest A/D conversion data output value (16 or 32 bits depending on DATA_FORMAT[1:0]) or modulator output stream (4-bit wide) in MDAT Output mode. 0x1 CONFIG0 8 R/W ADC Operating mode, Master Clock mode and Input Bias Current Source mode. 0x2 CONFIG1 8 R/W Prescale and OSR settings. 0x3 CONFIG2 8 R/W ADC boost and gain settings, auto-zeroing settings for analog multiplexer, voltage reference and ADC. 0x4 CONFIG3 8 R/W Conversion mode, data and CRC format settings, enable for CRC on communications, enable for digital offset and gain error calibrations. 0x5 IRQ 8 R/W IRQ Status bits and IRQ mode settings, enable for Fast commands and for conversion start pulse. 0x6 MUX 8 R/W Analog multiplexer input selection (MUX mode only). 0x7 SCAN 24 R/W SCAN mode settings. 0x8 TIMER 24 R/W Delay value for TIMER between each SCAN cycle. 0x9 OFFSETCAL 24 R/W ADC digital offset calibration value. 0xA GAINCAL 24 R/W ADC digital gain calibration value. 0xB RESERVED 24 R/W 0xC RESERVED 8 R/W 0xD LOCK 8 R/W Password value for SPI Write mode locking. 0xE RESERVED 16 R/W 0xF CRCCFG 16 R CRC checksum for the device configuration. |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |