전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP3461RT-E/ST 데이터시트(PDF) 58 Page - Microchip Technology

부품명 MCP3461RT-E/ST
상세설명  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461RT-E/ST 데이터시트(HTML) 58 Page - Microchip Technology

Back Button MCP3461RT-E/ST Datasheet HTML 54Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 55Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 56Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 57Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 58Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 59Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 60Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 61Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 118 page
background image
MCP3461/2/4R
DS20006404C-page 58
 2020-2021 Microchip Technology Inc.
FIGURE 5-12:
ADC Output and IRQ Behavior with Digital Offset Calibration Enabled.
5.13.2
DIGITAL GAIN ERROR
CALIBRATION
The Gain Error Calibration register (GAINCAL,
address: 0xA) is an unsigned 24-bit register that holds
the digital gain error calibration value, GAINCAL.
Equation 5-8 calculates the GAINCAL multiplier.
EQUATION 5-8:
GAINCAL CALIBRATION
VALUE (MULTIPLIER
VALUE)
For the MCP3461/2/4R devices, the gain error
calibration is done by multiplying the GAINCAL value to
the ADC output code. The last byte of the GAINCAL
register (GAINCAL[7:0]) is ignored and internally reset to
0x00 during the calibration; therefore, the multiplication
just takes into account the GAINCAL[23:8] bits.
The gain error calibration value range in equivalent
voltage is [0; 2-2-15], which can cancel any possible
gain error in the ADC and in the system. The gain
error calibration is made with a simple add-and-shift
circuit clocked on DMCLK and induces a pipeline
delay of TGCAL = 15 DMCLK periods. This pipeline
delay acts as a delay on the data ready interrupt
position that is shifted by TGCAL = 15 DMCLK periods.
During this delay, the converter can process the next
conversion, the delay does not shift the next conver-
sion and does not change the Conversion Time,
TCONV. Enabling the gain error calibration will affect
the next conversion result. The conversion result
already held in the ADCDATA register (0x0) is not
modified when the EN_GAINCAL is set to ‘1’, but the
next one will take the offset calibration into account.
Changing the GAINCAL register to a new value will
not affect the current ADCDATA value, but the next
one (after a data ready interrupt) will take the new
GAINCAL value into account. Figure 5-13 shows the
different cases and their associated effects on the
ADCDATA register and the IRQ output.
FIGURE 5-13:
ADC Output and IRQ Behavior with Digital Gain Error Calibration Enabled.
ADC DATA
REGISTER
VALUE
SPI
Wri te
EN _OFFC AL = 1
IRQ
ADC
STATUS
Data 2 Conversion
Data 1 Conversion
Data 3 Conversion
DATA1
DATA0
DATA2 + OFFSETCAL1
Wri te
OFFSE TCA L[2 3 : ] = OFFSE TCA L1
Wri te
OFFSE TCA L[2 3 : ] = OFFSE TCA L2
Data 4 Conversion
DATA3 + OFFSETCAL2
GAINCAL (V/V) = (GAINCAL[23:8] unsigned decimal
code)/32768
SPI
Wri te
EN _GAINCAL = 1
IRQ
ADC
STATUS
Data 3 Conversion
DATA1
DATA0
DATA2 x GAINCAL1
Wri te
GAINCAL[2 3 : ] = GAINCAL1
Wri te
GAINCAL[2 3 : ] = GAINCAL2
Data 4 Conversion
DATA3 x GAINCAL2
TGCAL
TGCAL
ADCDATA
Data 2 Conversion
Data 1 Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More