| 전자부품 데이터시트 검색엔진 |
|
MCP3464T-E/ST 데이터시트(PDF) 90 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3464T-E/ST 데이터시트(HTML) 90 Page - Microchip Technology |
|
90 / 108 page ![]() MCP3461/2/4 DS20006180D-page 90 2019-2021 Microchip Technology Inc. 8.9 TIMER Register Name Bits Address Cof TIMER 24 0x8 R/W REGISTER 8-9: TIMER: TIMER DELAY VALUE REGISTER R/W-0 TIMER[23:0] bit 23 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 23-0 TIMER[23:0]: Selection Bits for Time Interval (TTIMER_SCAN) Between Two Consecutive SCAN Cycles (when CONV_MODE[1:0] = 11) 0xFFFFFF: TTIMER_SCAN = 16777215 * DMCLK 0xFFFFFE: TTIMER_SCAN = 16777214 * DMCLK • • • 0x000002: TTIMER_SCAN =2*DMCLK 0x000001: TTIMER_SCAN =1*DMCLK 0x000000: TTIMER_SCAN = 0: No delay (default) |