전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP4431-503E/ML 데이터시트(PDF) 73 Page - Microchip Technology

부품명 MCP4431-503E/ML
상세설명  7/8-Bit Volatile Quad Digital POT with I2C Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4431-503E/ML 데이터시트(HTML) 73 Page - Microchip Technology

Back Button MCP4431-503E/ML Datasheet HTML 69Page - Microchip Technology MCP4431-503E/ML Datasheet HTML 70Page - Microchip Technology MCP4431-503E/ML Datasheet HTML 71Page - Microchip Technology MCP4431-503E/ML Datasheet HTML 72Page - Microchip Technology MCP4431-503E/ML Datasheet HTML 73Page - Microchip Technology MCP4431-503E/ML Datasheet HTML 74Page - Microchip Technology MCP4431-503E/ML Datasheet HTML 75Page - Microchip Technology MCP4431-503E/ML Datasheet HTML 76Page - Microchip Technology MCP4431-503E/ML Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 94 page
background image
 2010 Microchip Technology Inc.
DS22267A-page 73
MCP443X/5X
9.0
DEVELOPMENT SUPPORT
9.1
Development Tools
Several development tools are available to assist in
your design and evaluation of the MCP44XX devices.
The currently available tools are shown in Table 9-1.
These boards may be purchased directly from the
Microchip web site at www.microchip.com.
9.2
Technical Documentation
Several additional technical documents are available to
assist you in your design and development. These
technical documents include Application Notes,
Technical Briefs, and Design Guides. Table 9-2 shows
some of these documents.
TABLE 9-1:
DEVELOPMENT TOOLS
TABLE 9-2:
TECHNICAL DOCUMENTATION
Board Name
Part #
Supported Devices
20-pin TSSOP and SSOP Evaluation Board
TSSOP20EV
MCP44XX
MCP46XX Digital Potentiometer PICtail Plus Demo
Board (1, 2)
MCP46XXDM-PTPLS
MCP46XX
MCP46XX Digital Potentiometer Evaluation Board (2) MCP46XXEV
MCP46X1
Note 1: Requires a PICDEM Demo board. See the User’s Guide for additional information and requirements.
2: Requires a PICkit Serial Analyzer. See the User’s Guide for additional information and requirements.
Application
Note Number
Title
Literature #
AN1316
Using Digital Potentiometers for Programmable Amplifier Gain
DS01316
AN1080
Understanding Digital Potentiometers Resistor Variations
DS01080
AN737
Using Digital Potentiometers to Design Low-Pass Adjustable Filters
DS00737
AN692
Using a Digital Potentiometer to Optimize a Precision Single Supply Photo Detect
DS00692
AN691
Optimizing the Digital Potentiometer in Precision Circuits
DS00691
AN219
Comparing Digital Potentiometers to Mechanical Potentiometers
DS00219
—
Digital Potentiometer Design Guide
DS22017
—
Signal Chain Design Guide
DS21825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94