전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP4431-503E/ML 데이터시트(PDF) 91 Page - Microchip Technology

부품명 MCP4431-503E/ML
상세설명  7/8-Bit Volatile Quad Digital POT with I2C Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4431-503E/ML 데이터시트(HTML) 91 Page - Microchip Technology

Back Button MCP4431-503E/ML Datasheet HTML 86Page - Microchip Technology MCP4431-503E/ML Datasheet HTML 87Page - Microchip Technology MCP4431-503E/ML Datasheet HTML 88Page - Microchip Technology MCP4431-503E/ML Datasheet HTML 89Page - Microchip Technology MCP4431-503E/ML Datasheet HTML 90Page - Microchip Technology MCP4431-503E/ML Datasheet HTML 91Page - Microchip Technology MCP4431-503E/ML Datasheet HTML 92Page - Microchip Technology MCP4431-503E/ML Datasheet HTML 93Page - Microchip Technology MCP4431-503E/ML Datasheet HTML 94Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 91 / 94 page
background image
 2010 Microchip Technology Inc.
DS22267A-page 91
MCP443X/5X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
-XXX
Resistance
Package
Temperature
Range
Device
Device
MCP4431:
Quad Volatile 7-bit Potentiometer
MCP4431T:
Quad Volatile 7-bit Potentiometer
(Tape and Reel)
MCP4432:
Quad Volatile 7-bit Rheostat
MCP4432T:
Quad Volatile 7-bit Rheostat
(Tape and Reel)
MCP4451:
Quad Volatile 8-bit Potentiometer
MCP4451T:
Quad Volatile 8-bit Potentiometer
(Tape and Reel)
MCP4452:
Quad Volatile 8-bit Rheostat
MCP4452T:
Quad Volatile 8-bit Rheostat
(Tape and Reel)
Resistance Version:
502
= 5 k
103
= 10 k
503
= 50 k
104
= 100 k
Temperature Range
E
= -40
C to +125C (Extended)
Package
ST = Plastic Thin Shrink Small Outline (TSSOP),
14/20-lead
ML = Plastic Quad Flat No-lead (4x4 QFN), 20-lead
Examples:
a)
MCP4431-502E/XX:
5 k
 20-LD Device
b)
MCP4431T-502E/XX: T/R, 5 k
20-LD Device
c)
MCP4431-103E/XX:
10 k
, 20-LD Device
d)
MCP4431T-103E/XX: T/R, 10 k
, 20-LD Device
e)
MCP4431-503E/XX:
50 k
, 20-LD Device
f)
MCP4431T-503E/XX: T/R, 50 k
, 20-LD Device
g)
MCP4431-104E/XX:
100 k
, 20-LD Device
h)
MCP4431T-104E/XX: T/R, 100 k
,
20-LD Device
a)
MCP4432-502E/XX:
5 k
 14-LD Device
b)
MCP4432T-502E/XX: T/R, 5 k
14-LD Device
c)
MCP4432-103E/XX:
10 k
, 14-LD Device
d)
MCP4432T-103E/XX: T/R, 10 k
, 14-LD Device
e)
MCP4432-503E/XX:
50 k
, 8LD Device
f)
MCP4432T-503E/XX: T/R, 50 k
, 14-LD Device
g)
MCP4432-104E/XX:
100 k
, 14-LD Device
h)
MCP4432T-104E/XX: T/R, 100 k
,
14-LD Device
a)
MCP4451-502E/XX:
5 k
 20-LD Device
b)
MCP4451T-502E/XX: T/R, 5 k
20-LD Device
c)
MCP4451-103E/XX:
10 k
, 20-LD Device
d)
MCP4451T-103E/XX: T/R, 10 k
, 20-LD Device
e)
MCP4451-503E/XX:
50 k
, 20-LD Device
f)
MCP4451T-503E/XX: T/R, 50 k
, 20-LD Device
g)
MCP4451-104E/XX:
100 k
, 20-LD Device
h)
MCP4451T-104E/XX: T/R, 100 k
,
20-LD Device
a)
MCP4452-502E/XX:
5 k
 14-LD Device
b)
MCP4452T-502E/XX: T/R, 5 k
14-LD Device
c)
MCP4452-103E/XX:
10 k
, 14-LD Device
d)
MCP4452T-103E/XX: T/R, 10 k
, 14-LD Device
e)
MCP4452-503E/XX:
50 k
, 14-LD Device
f)
MCP4452T-503E/XX: T/R, 50 k
, 14-LD Device
g)
MCP4452-104E/XX:
100 k
, 14-LD Device
h)
MCP4452T-104E/XX: T/R, 100 k
,
14-LD Device
XX
= ST for 14/20-lead TSSOP
= ML for 20-lead QFN
Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94