| 전자부품 데이터시트 검색엔진 |
|
DWM1001-DEV 데이터시트(PDF) 7 Page - Qorvo, Inc |
|
|
|||||||||||||||||||||||||||||
DWM1001-DEV 데이터시트(HTML) 7 Page - Qorvo, Inc |
|
7 / 15 page ![]() DWM1001 Module Development Board Datasheet © Decawave Ltd 2017 Subject to change without notice Version 1.3 Page 7 Figure 7: Header connector with extended pin lengths DWM1001 Module Pin to Raspberry Pi Connector Mapping Table 2 below gives the connection details between the Raspberry Pi connector and the DWM1001 module. See the DWM1001 datasheet[1] and the schematic for the DWM1001 Module Development Board at the end of this document. Table 2: Connections between Raspberry Pi and DWM1001 module Module Development Board RPi connector Module Pin Number (and Name) from DWM1001 Module Data Sheet Pin Number Schematic Net Name 3 SDA_RPI Pin 23 (GPIO_15) 5 SCL_RPI Pin 25 (GPIO_8) 9 GND GND 15 GPIO_RPI Pin 19 (READY) 19 SPI1_MOSI Pin 27 (SPIS_MOSI) 21 SPI1_MISO Pin 26 (SPIS_MISO) 23 SPI1_CLK Pin 25 (GPIO_8) 25 GND GND 2 VRPI Provides input power to Module Development Board. ( Not connected directly to module) 4 VRPI 6 GND GND 8 TXD Pin 18 (UART_RX) 10 RXD_RPI/RXD Pin 20 (UART_TX) 12 RESET Pin 33 (RESETn) 14 GND GND 20 GND GND 24 CS_RPI Pin29 (SPIS_CSn) |