전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7440 데이터시트(PDF) 17 Page - Analog Devices

부품명 AD7440
상세설명  Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7440 데이터시트(HTML) 17 Page - Analog Devices

Back Button AD7440 Datasheet HTML 13Page - Analog Devices AD7440 Datasheet HTML 14Page - Analog Devices AD7440 Datasheet HTML 15Page - Analog Devices AD7440 Datasheet HTML 16Page - Analog Devices AD7440 Datasheet HTML 17Page - Analog Devices AD7440 Datasheet HTML 18Page - Analog Devices AD7440 Datasheet HTML 19Page - Analog Devices AD7440 Datasheet HTML 20Page - Analog Devices AD7440 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD7440/AD7450A
Rev. B | Page 17 of 28
Figure 30 shows examples of the inputs to VIN+ and VIN– for
different values of VREF for VDD = 5 V. It also gives the maximum
and minimum common-mode voltages for each reference value
according to Figure 28.
COMMON-MODE (CM)
CMMIN = 1V
CMMAX = 4V
REFERENCE = 2V
VIN–
VIN+
2V p-p
COMMON-MODE (CM)
CMMIN = 1.25V
CMMAX = 3.75V
REFERENCE = 2.5V
VIN–
VIN+
2.5V p-p
Figure 30. Examples of the Analog Inputs to VIN+ and VIN– for
Different Values of VREF for VDD = 5 V
Analog Input Structure
Figure 31 shows the equivalent circuit of the analog input
structure of the AD7440/AD7450A. The four diodes provide
ESD protection for the analog inputs. Care must be taken to
ensure that the analog input signals never exceed the supply
rails by more than 300 mV. This causes these diodes to become
forward biased and start conducting into the substrate. These
diodes can conduct up to 10 mA without causing irreversible
damage to the part. The capacitors, C1 in Figure 31, are typically
4 pF and can primarily be attributed to pin capacitance. The
resistors are lumped components made up of the on resistance
of the switches. The value of these resistors is typically about
100 Ω. The capacitors, C2, are the ADC’s sampling capacitors
and have a capacitance of 16 pF typically.
C1
C2
R1
D
D
C1
C2
R1
D
D
VDD
VDD
VIN+
VIN–
Figure 31. Equivalent Analog Input Circuit
Conversion Phase–Switches Open; Track Phase–Switches Closed
For ac applications, removing high frequency components from
the analog input signal through the use of an RC low-pass filter
on the relevant analog input pins is recommended. In applica-
tions where harmonic distortion and signal-to-noise ratio are
critical, the analog input should be driven from a low impe-
dance source. Large source impedances significantly affect the
ac performance of the ADC. This may necessitate the use of an
input buffer amplifier. The choice of op amp is a function of the
particular application.
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum
source impedance depends on the amount of total harmonic
distortion (THD) that can be tolerated. The THD increases as
the source impedance increases, and performance degrades.
Figure 32 shows a graph of THD versus the analog input signal
frequency for different source impedances for VDD = 5 V.
0
–100
–80
–60
–40
–20
10
100
1000
INPUT FREQUENCY (kHz)
TA = 25°C
VDD = 5V
RIN = 1kΩ
RIN = 510Ω
RIN = 10Ω
RIN = 300Ω
Figure 32. THD vs. Analog Input Frequency for Various Source Impedances
for VDD=5V
Figure 33 shows a graph of the THD versus the analog input
frequency for VDD of 5 V ± 5% and 3 V + 20%/–10%, while
sampling at 1 MSPS with an SCLK of 18 MHz. In this case, the
source impedance is 10 Ω.
–50
–90
–85
–80
–75
–70
–65
–60
–55
10
100
1000
INPUT FREQUENCY (kHz)
TA = 25°C
VDD = 2.7V
VDD = 3.6V
VDD = 5.25V
VDD = 4.75V
Figure 33. THD vs. Analog Input Frequency for 3 V and 5 V Supply Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com