전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7440 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD7440
상세설명  Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7440 데이터시트(HTML) 3 Page - Analog Devices

  AD7440 Datasheet HTML 1Page - Analog Devices AD7440 Datasheet HTML 2Page - Analog Devices AD7440 Datasheet HTML 3Page - Analog Devices AD7440 Datasheet HTML 4Page - Analog Devices AD7440 Datasheet HTML 5Page - Analog Devices AD7440 Datasheet HTML 6Page - Analog Devices AD7440 Datasheet HTML 7Page - Analog Devices AD7440 Datasheet HTML 8Page - Analog Devices AD7440 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7440/AD7450A
Rev. B | Page 3 of 28
AD7440–SPECIFICATIONS
Table 1. VDD = 2.7 V to 3.6 V, fSCLK = 18 MHz, fS = 1 MSPS, VREF = 2.0 V; VDD = 4.75 V to 5.25 V, fSCLK = 18 MHz, fS = 1 MSPS,
VREF = 2.5 V; VCM1 = VREF; TA= TMIN to TMAX, unless otherwise noted. Temperature range for B Version –40°C to +85°C.
Parameter
Test Conditions/Comments
B Version
Unit
DYNAMIC PERFORMANCE
fIN = 100 kHz
Signal-to-(Noise + Distortion) (SINAD)2
61
dB min
Total Harmonic Distortion (THD)2
–82 dB typ
–74
dB max
Peak Harmonic or Spurious Noise2
–82 dB typ
–76
dB max
Intermodulation Distortion (IMD)2
fa = 90 kHz, fb = 110 kHz
Second-Order Terms
–83
dB typ
Third-Order Terms
–83
dB typ
Aperture Delay2
5
ns typ
Aperture Jitter2
50
ps typ
Full Power Bandwidth2, 3
@ –3 dB
20
MHz typ
@ –0.1 dB
2.5
MHz typ
DC ACCURACY
Resolution
10
Bits
Integral Nonlinearity (INL)2
±0.5
LSB max
Differential Nonlinearity (DNL)2
Guaranteed no missed codes to 10 bits
±0.5
LSB max
Zero-Code Error2
±2.5
LSB max
Positive Gain Error2
±1
LSB max
Negative Gain Error2
±1
LSB max
ANALOG INPUT
Full-Scale Input Span
2 × VREF4
VIN+ – VIN–
V
Absolute Input Voltage
VIN+
VCM = VREF
VCM ± VREF/2
V
VIN–
VCM = VREF
VCM ± VREF/2
V
DC Leakage Current
±1
µA max
Input Capacitance
When in track-and-hold
30/10
pF typ
REFERENCE INPUT
VREF Input Voltage
VDD = 4.75 V to 5.25 V (±1% tolerance for
specified performance)
2.55
V
VDD = 2.7 V to 3.6 V (±1% tolerance for specified
performance)
2.06
V
DC Leakage Current
± 1
µA max
VREF Input Capacitance
When in track-and-hold
10/30
pF typ
LOGIC INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IIN
Typically 10 nA, VIN = 0 V or VDD
±1
µA max
Input Capacitance, CIN 7
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD = 4.75 V to 5.25 V; ISOURCE = 200 µA
2.8
V min
VDD = 2.7 V to 3.6 V; ISOURCE = 200 µA
2.4
V min
Output Low Voltage, VOL
ISINK = 200 µA
0.4
V max
Floating-State Leakage Current
±1
µA max
Floating-State Output Capacitance7
10
pF max
Output Coding
Twos Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com