| 전자부품 데이터시트 검색엔진 |
|
PCIMX6D4AVT08CD 데이터시트(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCIMX6D4AVT08CD 데이터시트(HTML) 3 Page - NXP Semiconductors |
|
3 / 171 page ![]() Introduction i.MX 6Dual/6Quad Applications Processors for Consumer Products, Rev. 6, 11/2018 NXP Semiconductors 3 1.1 Ordering Information Table 1 shows examples of orderable part numbers covered by this data sheet. This table does not include all possible orderable part numbers. The latest part numbers are available on nxp.com/imx6series. If your desired part number is not listed in the table, or you have questions about available parts, see nxp.com/imx6series or contact your NXP representative. Table 1. Example Orderable Part Numbers Part Number Quad/Dual CPU Options Speed1 Grade Temperature Grade Package MCIMX6Q5EYM10AC i.MX 6Quad Includes VPU, GPU 1 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) MCIMX6Q5EYM10AD i.MX 6Quad Includes VPU, GPU 1 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) MCIMX6Q5EYM10AE i.MX 6Quad Includes VPU, GPU 1 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) SCIMX6Q5EYM10CC i.MX 6Quad Includes VPU, GPU, HDCP 1 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) SCIMX6Q5EYM10CD i.MX 6Quad Includes VPU, GPU, HDCP 1 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) SCIMX6Q5EYM10CE i.MX 6Quad Includes VPU, GPU, HDCP 1 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) MCIMX6D5EYM10AC i.MX 6Dual Includes VPU, GPU 1 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) MCIMX6D5EYM10AD i.MX 6Dual Includes VPU, GPU 1 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) MCIMX6D5EYM10AE i.MX 6Dual Includes VPU, GPU 1 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) SCIMX6D5EYM10CC i.MX 6Dual Includes VPU, GPU, HDCP 1 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) SCIMX6D5EYM10CD i.MX 6Dual Includes VPU, GPU, HDCP 1 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) SCIMX6D5EYM10CE i.MX 6Dual Includes VPU, GPU, HDCP 1 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) MCIMX6Q5EYM12AC i.MX 6Quad Includes VPU, GPU 1.2 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) MCIMX6Q5EYM12AD i.MX 6Quad Includes VPU, GPU 1.2 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) MCIMX6Q5EYM12AE i.MX 6Quad Includes VPU, GPU 1.2 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) SCIMX6Q5EYM12CC i.MX 6Quad Includes VPU, GPU, HCP 1.2 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) SCIMX6Q5EYM12CD i.MX 6Quad Includes VPU, GPU, HCP 1.2 GHz Extended Commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) |