전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT25PE20 데이터시트(PDF) 47 Page - Dialog Semiconductor

부품명 AT25PE20
상세설명  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 데이터시트(HTML) 47 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 43Page - Dialog Semiconductor AT25PE20 Datasheet HTML 44Page - Dialog Semiconductor AT25PE20 Datasheet HTML 45Page - Dialog Semiconductor AT25PE20 Datasheet HTML 46Page - Dialog Semiconductor AT25PE20 Datasheet HTML 47Page - Dialog Semiconductor AT25PE20 Datasheet HTML 48Page - Dialog Semiconductor AT25PE20 Datasheet HTML 49Page - Dialog Semiconductor AT25PE20 Datasheet HTML 50Page - Dialog Semiconductor AT25PE20 Datasheet HTML 51Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
46
AT25PE20
DS-25PE20–139C–8/2018
Figure 21-2. Command Sequence for Read/Write Operations for Page Size 256 bytes
(Except Status Register Read, Manufacturer and Device ID Read)
Figure 21-3. Command Sequence for Read/Write Operations for Page Size 264 bytes
(Except Status Register Read, Manufacturer and Device ID Read)
SI (Input)
CMD
8-bits
8-bits
8-bits
Page Address
(A17 - A8)
X X X X X
X X X
X X X X X X X X
LSB
X X X X X X X X
Byte/Buffer Address
(A7 - A0/BFA7 - BFA0)
MSB
6 Dummy
Bits
Page Address
(PA9 - PA0)
Byte/Buffer Address
(BA8 - BA0/BFA8 - BFA0)
SI (Input)
CMD
8-bits
8-bits
8-bits
X X
X X X
X X
X X X X
X
LSB
X X X X X X X X
MSB
5 Dummy
Bits
X X X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64