| 전자부품 데이터시트 검색엔진 |
|
PLL103-53XM 데이터시트(PDF) 6 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL103-53XM 데이터시트(HTML) 6 Page - PhaseLink Corporation |
|
6 / 7 page ![]() Preliminary PLL103-53 DDR SDRAM Buffer with 5 DDR or 3 SDR/3 DDR DIMMS 47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 Rev 12/01/00 Page 6 3. Electrical Specifications (Continued) PARAMETERS SYMBOL CONDITIONS MIN. TYP. MAX. UNITS Supply Current (DDR-only mode) IDD Unloaded outputs, 133MHz TBM mA Supply Current (SDRAM mode) IDD Unloaded outputs, 133MHz TBM mA Supply Current IDDS PD = 0 TBM mA Output Crossing Voltage VOC (VDD/2) -0.1 VDD/2 (VDD/2)+ 0.1 V Output Voltage Swing VOUT 1.1 VDD-0.4 V Duty Cycle DT Measured @ 1.5V 45 50 55 % Max. Operating Frequency 66 170 MHz Rising Edge Rate TOR Measured @ 0.4V ~ 2.4V 1.0 1.5 2.0 V/ns Falling Edge Rate TOF Measured @ 2.4V ~ 0.4V 1.0 1.5 2.0 V/ns Clock Skew ( pin to pin ) TSKEW All outputs equally loaded 100 ps Stabilization Time TST 0.1 ms Note: TBM: To be measured |