전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PLL103-53XM 데이터시트(PDF) 7 Page - PhaseLink Corporation

부품명 PLL103-53XM
상세설명  DDR SDRAM Buffer with 5 DDR or 3 SDR/3 DDR DIMMS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PLL [PhaseLink Corporation]
홈페이지  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL103-53XM 데이터시트(HTML) 7 Page - PhaseLink Corporation

  PLL103-53XM Datasheet HTML 1Page - PhaseLink Corporation PLL103-53XM Datasheet HTML 2Page - PhaseLink Corporation PLL103-53XM Datasheet HTML 3Page - PhaseLink Corporation PLL103-53XM Datasheet HTML 4Page - PhaseLink Corporation PLL103-53XM Datasheet HTML 5Page - PhaseLink Corporation PLL103-53XM Datasheet HTML 6Page - PhaseLink Corporation PLL103-53XM Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Preliminary
PLL103-53
DDR SDRAM Buffer with 5 DDR or 3 SDR/3 DDR DIMMS
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 12/01/00 Page 7
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by PhaseLink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL103-53 X C
PART NUMBER
TEMPERATURATURE
C=COMMERCIAL
M=MILITARY
I=INDUSTRAL
PACKAGE TYPE
X=SSOP
0.008 - 0.016
(0.203 - 0.406)
0.720 - 0.730
(18.288 - 18.542)
(0.254 - 0.406)
45 0
0.010 - 0.016
0.050
(1.270)
MIN
30-60
0.015
(0.381)
0.087 - 0.094
(2.210 - 2.388)
0.095 - 0.110
(2.413 - 2.794)
0.025
0.635
0.395 - 0.420
10.033 - 10.668
0.291 - 0.299
7.391 - 7.595
0.008 - 0.0135
0.203 - 0.343
56PIN SSOP



Html Pages

1 2 3 4 5 6 7