| 전자부품 데이터시트 검색엔진 |
|
PLL602-37OCLR 데이터시트(PDF) 3 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL602-37OCLR 데이터시트(HTML) 3 Page - PhaseLink Corporation |
|
3 / 8 page ![]() PLL602-35/-37/-38/-39 750kHz – 800MHz Low Phase Noise Multiplier XO Universal Low Phase Noise IC’s 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 3 PIN DESCRIPTIONS PLL602-37/-39 (see previous page of PLL602-35/-38) Name TSSOP Pin number 3x3mm QFN Pin number Type Description XIN 2 12 I Crystal input. See Crystal Specifications on page 3. XOUT 3 13 I Crystal output. See Crystal Specifications on page 3. OE 6 16 I Output enable pin (see OE logic state table on page 1). GND 7,8,9,10,14 1,2,3,4,8 P Ground. CLKT 11 5 O True output LVDS (PLL602-39) (N/C for PLL602-37) CLKC 13 7 O Complementary output LVDS (PLL602-39) (CMOS out for PLL602-37). SEL0 16 10 I SEL1 15 9 I SEL2 5 15 I SEL3 4 14 I Multiplier selector pins. These pins have an internal pull-up that will default SEL to ‘1’ when not connected to GND. VDD 1, 12 6,11 P Power Supply. ELECTRICAL SPECIFICATIONS 1. Absolute Maximum Ratings PARAMETERS SYMBOL MIN. MAX. UNITS Supply Voltage VDD 4.6 V Input Voltage, dc VI -0.5 VDD+0.5 V Output Voltage, dc VO -0.5 VDD+0.5 V Storage Temperature TS -65 150 °C Ambient Operating Temperature* TA -40 85 °C Junction Temperature TJ 125 °C Lead Temperature (soldering, 10s) 260 °C ESD Protection, Human Body Model 2 kV Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other con- ditions above the operational limits noted in this specification is not implied. * Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only. 2. Crystal Specifications PARAMETERS SYMBOL CONDITIONS MIN. TYP. MAX. UNITS Crystal Resonator Frequency FXIN Parallel Fundamental Mode 12 25 MHz Crystal Loading Rating CL (xtal) 20 pF Recommended ESR RE AT cut 30 Ω |