| 전자부품 데이터시트 검색엔진 |
|
PLL602-37OCLR 데이터시트(PDF) 8 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL602-37OCLR 데이터시트(HTML) 8 Page - PhaseLink Corporation |
|
8 / 8 page ![]() PLL602-35/-37/-38/-39 750kHz – 800MHz Low Phase Noise Multiplier XO Universal Low Phase Noise IC’s 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 8 ORDERING INFORMATION PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur- nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex- press written approval of the President of PhaseLink Corporation. For part ordering, please contact our Sales Department: 47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991 PART NUMBER The order number for this device is a combination of the following: Device number, Package type and Operating temperature range PLL602-3X X C X X Order Number Marking Package Option Order Number Marking Package Option PLL602-35OC-R PLL602-35OC TSSOP - Tape and Reel PLL602-38OC-R PLL602-38OC TSSOP - Tape and Reel PLL602-35OC PLL602-35OC TSSOP – Tube PLL602-38OC PLL602-38OC TSSOP – Tube PLL602-35QC-R PLL602-35QC QFN - Tape and Reel PLL602-38QC-R PLL602-38QC QFN - Tape and Reel PLL602-35QC PLL602-35QC QFN – Tube PLL602-38QC PLL602-38QC QFN – Tube PLL602-35OCL-R PLL602-35OCL TSSOP - Tape and Reel (GREEN) PLL602-38OCL-R PLL602-38OCL TSSOP - Tape and Reel (GREEN) PLL602-35OCL PLL602-35OCL TSSOP – Tube (GREEN) PLL602-38OCL PLL602-38OCL TSSOP – Tube (GREEN) PLL602-35QCL-R PLL602-35QCL QFN - Tape and Reel (GREEN) PLL602-38QCL-R PLL602-38QCL QFN - Tape and Reel (GREEN) PLL602-35QCL PLL602-35QCL QFN – Tube (GREEN) PLL602-38QCL PLL602-38QCL QFN – Tube (GREEN) PLL602-37OC-R PLL602-37OC TSSOP - Tape and Reel PLL602-39OC-R PLL602-39OC TSSOP - Tape and Reel PLL602-37OC PLL602-37OC TSSOP – Tube PLL602-39OC PLL602-39OC TSSOP – Tube PLL602-37QC-R PLL602-37QC QFN - Tape and Reel PLL602-39QC-R PLL602-39QC QFN - Tape and Reel PLL602-37QC PLL602-37QC QFN – Tube PLL602-39QC PLL602-39QC QFN - Tube PLL602-37OCL-R PLL602-37OCL TSSOP - Tape and Reel (GREEN) PLL602-39OCL-R PLL602-39OCL TSSOP - Tape and Reel (GREEN) PLL602-37OCL PLL602-37OCL TSSOP – Tube (GREEN) PLL602-39OCL PLL602-39OCL TSSOP – Tube (GREEN) PLL602-37QCL-R PLL602-37QCL QFN - Tape and Reel (GREEN) PLL602-39QCL-R PLL602-39QCL QFN - Tape and Reel (GREEN) PLL602-37QCL PLL602-37QCL QFN – Tube (GREEN) PLL602-39QCL PLL602-39QCL QFN – Tube (GREEN) PART NUMBER TEMPERATURE C=COMMERCIAL I= INDUSTRIAL PACKAGE TYPE O=TSSOP Q=QFN NONE= NORMAL PACKAGE L= GREEN PACKAGE NONE= TUBE R= TAPE AND REEL |