전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8553DTT/AJ 데이터시트(PDF) 18 Page - NXP Semiconductors

부품명 PCF8553DTT/AJ
상세설명  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553DTT/AJ 데이터시트(HTML) 18 Page - NXP Semiconductors

Back Button PCF8553DTT/AJ Datasheet HTML 14Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 15Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 16Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 17Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 18Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 19Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 20Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 21Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
aaa-011867
VSS
VLCD
VSS
VLCD
VSS
VLCD
VLCD
- VLCD
- VLCD
VLCD
state 1
0 V
COM0
SEGn
SEGn+1
state 2
0 V
(a) Waveforms at driver.
(b) Resultant waveforms
at LCD segment.
LCD segments
state 1
(on)
state 2
(off)
Tfr
Vstate1(t) = VSEGn(t) - VCOM0(t).
Von(RMS) = VLCD.
Vstate2(t) = V(SEGn + 1)(t) - VCOM0(t).
Voff(RMS) = 0 V.
Figure 10. Static drive mode waveforms
8.2.2.2 1:2 Multiplex drive mode
When two backplanes are provided in the LCD, the 1:2 multiplex mode applies. The
PCF8553 allows the use of 1⁄2 bias or 1⁄3 bias in this mode as shown in Figure 11 and
Figure 12.
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
18 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51