| 전자부품 데이터시트 검색엔진 |
|
ADL6317ACCZ-R7 데이터시트(PDF) 34 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADL6317ACCZ-R7 데이터시트(HTML) 34 Page - Analog Devices |
|
34 / 38 page ![]() ADL6317 Data Sheet Rev. B | Page 34 of 38 Address: 0x117, Reset: 0x00, Name: SIG_PATH7_1 Bypass Fused Value of TRM_AMP1_IREF_1 Amplifier 1 I REF Trim 1 Amplifier 1 I REF Trim Select 1 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 [7] BYPASS_TRM_AMP1_IREF_1 (R/W) [3:0] TRM_AMP1_IREF_1 (R/W) [6:5] RESERVED [4] TRM_AMP1_IREF_SEL_1 (R/W) Table 46. Bit Descriptions for SIG_PATH7_1 Bits Bit Name Description Reset Access 7 BYPASS_TRM_AMP1_IREF_1 Bypass Fused Value of TRM_AMP1_IREF_1 0x0 R/W [6:5] RESERVED Reserved 0x0 R 4 TRM_AMP1_IREF_SEL_1 Amplifier 1 IREF Trim Select 1 0x0 R/W [3:0] TRM_AMP1_IREF_1 Amplifier 1 IREF Trim 1 0x0 R/W Address: 0x118, Reset: 0x00, Name: SIG_PATH8_1 Bypas s Fus ed Value of AMP1_EN_1 Internal Trim Data Enable Am plifier 1 (TXEN=1) 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 [7] BYPASS_TRM_AMP1_EN_1 (R/W) [0] AMP1_EN_1 (R/W) [6:1] RESERVED Table 47. Bit Descriptions for SIG_PATH8_1 Bits Bit Name Description Reset Access 7 BYPASS_TRM_AMP1_EN_1 Bypass Fused Value of AMP1_EN_1 Internal Trim Data 0x0 R/W [6:1] RESERVED Reserved 0x0 R 0 AMP1_EN_1 Enable Amplifier 1 (TXEN = 1) 0x0 R/W Address: 0x119, Reset: 0x00, Name: SIG_PATH9_1 Bypass Fused Value of TRM_AMP2_IREF_1 Amplifier 2 I REF Trim 1 Amplifier 2 I REF Trim Select 1 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 [7] BYPASS_TRM_AMP2_IREF_1 (R/W) [3:0] TRM_AMP2_IREF_1 (R/W) [6:5] RESERVED [4] TRM_AMP2_IREF_SEL_1 (R/W) Table 48. Bit Descriptions for SIG_PATH9_1 Bits Bit Name Description Reset Access 7 BYPASS_TRM_AMP2_IREF_1 Bypass Fused Value of TRM_AMP2_IREF_1 0x0 R/W [6:5] RESERVED Reserved 0x0 R 4 TRM_AMP2_IREF_SEL_1 Amplifier 2 IREF Trim Select 1 0x0 R/W [3:0] TRM_AMP2_IREF_1 Amplifier 2 IREF Trim 1 0x0 R/W Address: 0x11A, Reset: 0x00, Name: SIG_PATHA_1 Bypas s Fus ed Value of AMP2_EN_1 Internal Trim Data Enable Am plifier 2 (TXEN=1) 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 [7] BYPASS_TRM_AMP2_EN_1 (R/W) [0] AMP2_EN_1 (R/W) [6:1] RESERVED Table 49. Bit Descriptions for SIG_PATHA_1 Bits Bit Name Description Reset Access 7 BYPASS_TRM_AMP2_EN_1 Bypass Fused Value of AMP2_EN_1 Internal Trim Data 0x0 R/W [6:1] RESERVED Reserved 0x0 R 0 AMP2_EN_1 Enable Amplifier 2 (TXEN = 1) 0x0 R/W |