전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS843AM-75LF 데이터시트(PDF) 1 Page - Integrated Circuit Systems

부품명 ICS843AM-75LF
상세설명  75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICST [Integrated Circuit Systems]
홈페이지  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843AM-75LF 데이터시트(HTML) 1 Page - Integrated Circuit Systems

  ICS843AM-75LF Datasheet HTML 1Page - Integrated Circuit Systems ICS843AM-75LF Datasheet HTML 2Page - Integrated Circuit Systems ICS843AM-75LF Datasheet HTML 3Page - Integrated Circuit Systems ICS843AM-75LF Datasheet HTML 4Page - Integrated Circuit Systems ICS843AM-75LF Datasheet HTML 5Page - Integrated Circuit Systems ICS843AM-75LF Datasheet HTML 6Page - Integrated Circuit Systems ICS843AM-75LF Datasheet HTML 7Page - Integrated Circuit Systems ICS843AM-75LF Datasheet HTML 8Page - Integrated Circuit Systems ICS843AM-75LF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
843AG-75
www.icst.com/products/hiperclocks.html
REV. A JANUARY 9, 2006
1
Integrated
Circuit
Systems, Inc.
ICS843-75
75MHZ, LVCMOS, LVPECL
DUAL OUTPUT OSCILLATOR
GENERAL DESCRIPTION
The ICS843-75 is a SAS/SATA Dual Output
Oscillator and a member of the HiPerClocksTM
family of high performance devices from ICS.
The ICS843-75 uses a 25MHz crystal to
synthesiz e 75MHz. The ICS843-75 has
excellent jitter performance. The ICS843-75 is packaged
in a small 8-pin TSSOP, making it ideal for use in systems
with limited board space.
FEATURES
• One LVCMOS/LVTTL output, 15Ω output impedence
One LVPECL output pair
• Crystal oscillator interface designed for 25MHz,
18pF parallel resonant crystal
• Output frequency: 75MHz
• Random jitter: 3.07ps (maximum)
• Deterministic jitter: 0.13ps (maximum)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
HiPerClockS™
ICS
ICS843-75
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm
package body
G Package
Top View
VCC
XTAL_IN
XTAL_OUT
VEE
1
2
3
4
Q1
nQ1
VCCO
Q0
8
7
6
5
BLOCK DIAGRAM
PIN ASSIGNMENT
Clock
Synthesizer
XTAL_IN
XTAL_OUT
Q0
25MHz
LVCMOS
75MHz
Q1
nQ1
LVPECL
75MHz
ICS843-75
8-Lead SOIC
3.90mm x 4.92mm x 1.37mm body package
M Package
Top View


유사한 부품 번호 - ICS843AM-75LF

제조업체부품명데이터시트상세설명
logo
Integrated Circuit Syst...
ICS843AM-106 ICST-ICS843AM-106 Datasheet
192Kb / 12P
106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
REV. A JANUARY 10, 2006
ICS843AM-106LF ICST-ICS843AM-106LF Datasheet
192Kb / 12P
106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
REV. A JANUARY 10, 2006
ICS843AM-106LFT ICST-ICS843AM-106LFT Datasheet
192Kb / 12P
106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
REV. A JANUARY 10, 2006
ICS843AM-106T ICST-ICS843AM-106T Datasheet
192Kb / 12P
106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
REV. A JANUARY 10, 2006
ICS843AM-I75LFT ICST-ICS843AM-I75LFT Datasheet
192Kb / 12P
75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
REV. A JANUARY 10, 2006
More results

유사한 설명 - ICS843AM-75LF

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Integrated Circuit Syst...
ICS840-75 ICST-ICS840-75 Datasheet
168Kb / 9P
75MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS843I-75 ICST-ICS843I-75 Datasheet
192Kb / 12P
75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
REV. A JANUARY 10, 2006
ICS843-106 ICST-ICS843-106 Datasheet
192Kb / 12P
106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
REV. A JANUARY 10, 2006
ICS83032I ICST-ICS83032I Datasheet
140Kb / 10P
75MHZ, 3-RD OVERTONE OSCILLATOR W/DUAL LVCMOS/LVTTL OUTPUTS
REV. B FEBRUARY 13, 2006
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_06 Datasheet
135Kb / 8P
3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
LVPECL Oscillator LVPECL Output
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
logo
Raltron Electronics Cor...
SY02-MFTC RALTRON-SY02-MFTC Datasheet
296Kb / 5P
LOW IN/OUTPUT FREQUENCY CLOCK REGENERATOR LVPECL/LVCMOS OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com