전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS843AM-75LF 데이터시트(PDF) 5 Page - Integrated Circuit Systems

부품명 ICS843AM-75LF
상세설명  75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICST [Integrated Circuit Systems]
홈페이지  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843AM-75LF 데이터시트(HTML) 5 Page - Integrated Circuit Systems

  ICS843AM-75LF Datasheet HTML 1Page - Integrated Circuit Systems ICS843AM-75LF Datasheet HTML 2Page - Integrated Circuit Systems ICS843AM-75LF Datasheet HTML 3Page - Integrated Circuit Systems ICS843AM-75LF Datasheet HTML 4Page - Integrated Circuit Systems ICS843AM-75LF Datasheet HTML 5Page - Integrated Circuit Systems ICS843AM-75LF Datasheet HTML 6Page - Integrated Circuit Systems ICS843AM-75LF Datasheet HTML 7Page - Integrated Circuit Systems ICS843AM-75LF Datasheet HTML 8Page - Integrated Circuit Systems ICS843AM-75LF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
843AG-75
www.icst.com/products/hiperclocks.html
REV. A JANUARY 9, 2006
5
Integrated
Circuit
Systems, Inc.
ICS843-75
75MHZ, LVCMOS, LVPECL
DUAL OUTPUT OSCILLATOR
PARAMETER MEASUREMENT INFORMATION
LVPECL OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
LVPECL OUTPUT RISE/FALL TIME
3.3V LVCMOS OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
1.65V ± 0.15V
-1.65V ± 0.15V
Clock
Outputs
20%
80%
80%
20%
tR
t F
t
PERIOD
t
PW
t
PERIOD
odc =
V
CC
2
t
PW
x 100%
Q0
GND
V
CC,
V
CCO
LVCMOS OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
LVCMOS OUTPUT RISE/FALL TIME
Q1
nQ1
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
3.3V LVPECL OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
nQx
LVPECL
2V
-1.3V ± 0.3V
V
EE
V
CC,
V
CCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com