전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IMX6SDLIEC 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 IMX6SDLIEC
상세설명  i.MX 6Solo/6DualLite Applications Processors for Industrial Products
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLIEC 데이터시트(HTML) 3 Page - NXP Semiconductors

  IMX6SDLIEC Datasheet HTML 1Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 2Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 3Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 4Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 5Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 6Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 7Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 8Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 161 page
background image
Introduction
i.MX 6Solo/6DualLite Applications Processors for Industrial Products, Rev. 9, 11/2018
NXP Semiconductors
3
1.1
Ordering Information
Table 1 provides examples of orderable part numbers covered by this data sheet. Table 1 does not include
all possible orderable part numbers. The latest part numbers are available on the web page
nxp.com/imx6series. If the desired part number is not listed in Table 1, go to nxp.com/imx6series or
contact a NXP representative for details.
Figure 1 describes the part number nomenclature to identify the characteristics of a specific part number
(for example, cores, frequency, temperature grade, fuse options, and silicon revision).
The primary characteristic that differentiates which data sheet applies to a specific part is the temperature
grade (junction) field. The following list describes the correct data sheet to use for a specific part:
•
The i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors data sheet
(IMX6SDLAEC) covers parts listed with an “A (Automotive temp)”
•
The i.MX 6Solo/6DualLite Applications Processors for Consumer Products data sheet
(IMX6SDLCEC) covers parts listed with a “D (Commercial temp)” or “E (Extended Commercial
temp)”
•
The i.MX 6Solo/6DualLite Applications Processors for Industrial Products data sheet
(IMX6SDLIEC) covers parts listed with “C (Industrial temp)”
For more information go to nxp.com/imx6series or contact a NXP representative for details.
Table 1. Example Orderable Part Numbers
Part Number
i.MX6 CPU
Solo/
DualLite
Options
Speed
Grade1
1 If a 24 MHz clock is used (required for USB), then the maximum SoC speed is limited to 792 MHz.
Temperature
Grade
Package
MCIMX6U7CVM08AB DualLite With VPU, GPU, no EPDC, no MLB
2x Arm Cortex-A9 64-bit DDR
800 MHz
Industrial
21 mm x 21 mm,
0.8 mm pitch, MAPBGA
MCIMX6U7CVM08AC DualLite With VPU, GPU, no EPDC, no MLB
2x Arm Cortex-A9 64-bit DDR
800 MHz
Industrial
21 mm x 21 mm,
0.8 mm pitch, MAPBGA
MCIMX6U7CVM08AD DualLite With VPU, GPU, no EPDC, no MLB
2x Arm Cortex-A9 64-bit DDR
800 MHz
Industrial
21 mm x 21 mm, 0.8 mm
pitch, MAPBGA
MCIMX6S7CVM08AB
Solo
With VPU, GPU, no EPDC, no MLB
1x Arm Cortex-A9 32-bit DDR
800 MHz
Industrial
21 mm x 21 mm,
0.8 mm pitch, MAPBGA
MCIMX6S7CVM08AC
Solo
With VPU, GPU, no EPDC, no MLB
1x Arm Cortex-A9 32-bit DDR
800 MHz
Industrial
21 mm x 21 mm,
0.8 mm pitch, MAPBGA
MCIMX6S7CVM08AD
Solo
With VPU, GPU, no EPDC, no MLB
1x Arm Cortex-A9 32-bit DDR
800 MHz
Industrial
21 mm x 21 mm, 0.8 mm
pitch, MAPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com