전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IMX6SDLIEC 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 IMX6SDLIEC
상세설명  i.MX 6Solo/6DualLite Applications Processors for Industrial Products
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLIEC 데이터시트(HTML) 1 Page - NXP Semiconductors

  IMX6SDLIEC Datasheet HTML 1Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 2Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 3Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 4Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 5Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 6Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 7Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 8Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 161 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: IMX6SDLIEC
Rev. 9, 11/2018
Package Information
Plastic Package
BGA Case 2240 21 x 21 mm, 0.8 mm pitch
Ordering Information
See Table 1 on page 3
NXP Reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products
MCIMX6UxCxxxxxB
MCIMX6UxCxxxxxC
MCIMX6UxCxxxxxD
MCIMX6SxCxxxxxB
MCIMX6SxCxxxxxC
MCIMX6SxCxxxxxD
1
Introduction
The i.MX 6Solo/6DualLite processors represent the
latest achievement in integrated multimedia-focused
products offering high-performance processing with a
high degree of functional integration to meet the
demands of high-end, advanced industrial and medical
applications requiring graphically rich and highly
responsive user interfaces.
The processors feature advanced implementation of
single/dual Arm® Cortex®-A9 core, which operates at
speeds of up to 800 MHz. They include 2D and 3D
graphics processors, 1080p video processing, and
integrated power management. Each processor provides
a 32/64-bit DDR3/DDR3L/LPDDR2-800 memory
interface and a number of other interfaces for connecting
peripherals, such as WLAN, Bluetooth®, GPS, hard
drive, displays, and camera sensors.
i.MX 6Solo/6DualLite
Applications Processors
for Industrial Products
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1
1.1
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . .3
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
1.3
Updated Signal Naming Convention . . . . . . . . . . . .8
2
Architectural Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . .9
2.1
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9
3
Modules List . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
3.1
Special Signal Considerations . . . . . . . . . . . . . . . .20
3.2
Recommended Connections for Unused Analog
Interfaces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
4
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . .22
4.1
Chip-Level Conditions . . . . . . . . . . . . . . . . . . . . . .22
4.2
Power Supplies Requirements and Restrictions . .32
4.3
Integrated LDO Voltage Regulator Parameters . . .33
4.4
PLL’s Electrical Characteristics . . . . . . . . . . . . . . .35
4.5
On-Chip Oscillators . . . . . . . . . . . . . . . . . . . . . . . .36
4.6
I/O DC Parameters . . . . . . . . . . . . . . . . . . . . . . . . .38
4.7
I/O AC Parameters . . . . . . . . . . . . . . . . . . . . . . . . .42
4.8
Output Buffer Impedance Parameters . . . . . . . . . .46
4.9
System Modules Timing . . . . . . . . . . . . . . . . . . . . .48
4.10 General-Purpose Media Interface (GPMI) Timing .61
4.11 External Peripheral Interface Parameters . . . . . . .69
5
Boot Mode Configuration . . . . . . . . . . . . . . . . . . . . . . . .127
5.1
Boot Mode Configuration Pins . . . . . . . . . . . . . . .127
5.2
Boot Device Interface Allocation . . . . . . . . . . . . .128
6
Package Information and Contact Assignments . . . . . .129
6.1
Updated Signal Naming Convention . . . . . . . . . .129
6.2
21x21 mm Package Information. . . . . . . . . . . . . .130
7
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .155


유사한 부품 번호 - IMX6SDLIEC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
IMX6SDLAEC NXP-IMX6SDLAEC Datasheet
3Mb / 169P
i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
IMX6SDLCEC NXP-IMX6SDLCEC_V01 Datasheet
1Mb / 167P
i.MX 6Solo/6DualLite Applications Processors for Consumer Products
10/2016
More results

유사한 설명 - IMX6SDLIEC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
IMXRT1060IEC NXP-IMXRT1060IEC Datasheet
1Mb / 111P
i.MX RT1060 Crossover Processors for Industrial Products
Rev. 0.2, 02/2020
IMXRT1064IEC NXP-IMXRT1064IEC Datasheet
1Mb / 113P
i.MX RT1064 Crossover Processors for Industrial Products
IMXRT1020IEC NXP-IMXRT1020IEC Datasheet
1Mb / 100P
i.MX RT1020 Crossover Processors for Industrial Products
Rev. 2, 03/2021
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX6SDLAEC NXP-IMX6SDLAEC Datasheet
3Mb / 169P
i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
IMXRT1060IEC NXP-IMXRT1060IEC_V01 Datasheet
1Mb / 114P
i.MX RT1060 Crossover Processors for Industrial Products
07/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com