전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN9255/ZMX019 데이터시트(PDF) 8 Page - Microchip Technology

부품명 LAN9255/ZMX019
상세설명  2/3-Port EtherCAT짰 Device Controller with Integrated PHYs & SAM E53J 32-bit ARM짰 Cortex짰-M4F MCU
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9255/ZMX019 데이터시트(HTML) 8 Page - Microchip Technology

Back Button LAN9255/ZMX019 Datasheet HTML 4Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 5Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 6Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 7Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 8Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 9Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 10Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 11Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LAN9255
DS00003646B-page 8
2020-2021 Microchip Technology Inc.
4.0
PIN CONFIGURATION
This section provides pin assignment information for the LAN9255. Pin descriptions for the various LAN9253 and SAM
E53J functions should be referenced in their respective data sheets, as detailed in Section 1.1, References.
4.1
Pin Assignments
FIGURE 4-1:
PIN ASSIGNMENTS (TOP VIEW)
Note:
When a “
#” is used at the end of the signal name, it indicates that the signal is active low. For example,
RST# indicates that the reset signal is active low. Configuration straps are identified by an underlined sym-
bol name.
121
122
123
124
125
127
128
126
113
114
115
116
117
118
119
120
105
106
107
108
109
110
111
112
97
98
99
100
101
102
103
104
LAN9255
128-TQFP
(Top View)
VSS
Connect exposed pad to ground with a via field
VDDIO_S
PB22
PB23
D4/AD4/DIGIO3/GPI3/GPO3/MII_LINK
D5/AD5/OUTVALID/SCS#
VDD33TXRX1
TXNA
TXPA
RXNA
RXPA
PA27
RESETN_E53
VDDCORE
VDD12TX1
RBIAS
VDD33BIAS
VDD12TX2
VSW
RXPB
RXNB
VDDIO_S
TXPB
TXNB
PA30
PA31
PB30
PB31
VDD33TXRX2
PB00
PB01
PB02
OSCI
PA15
PA14
PA13
PA12
VDDIO_J
RD/RD_WR/DIGIO15/GPI15/GPO15/MII_RXD3
WR/ENB/DIGIO14/GPI14/GPO14/MII_RXD2
A2/ALEHI/DIGIO10/GPI10/GPO10/LINKACTLED2/EE_EMUL_ALELO_POL/MII_LINKPOL/LEDPOL2
CS/DIGIO13/GPI13/GPO13/MII_RXD1
A4/BE1/DIGIO12/GPI12/GPO12/MII_RXD0
A3/BE0/DIGIO11/GPI11/GPO11/MII_RXDV
A1/ALELO/OE_EXT/MII_CLK25//EE_EMUL_SPI2
VDDCR
D10/AD10/DIGIO4/GPI4/GPO4/MII_TXEN
D11/AD11/DIGIO5/GPI5/GPO5/MII_TXD0/100FD_A
D12/AD12/DIGIO6/GPI6/GPO6/MII_TXD1/100FD_B
NC
PB15
PB14
VDDIO_J
PB13
PB12
PB11
D9/AD9/LATCH_IN/SCK
PB10
SYNC1/LATCH1/PME
D0/AD0/WD_STATE/SI/SIO0
VDDIOB
PA11
PA10
PA09
PA08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23